Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM2180F3 Datasheet(PDF) 56 Page - STMicroelectronics

Part # DSM2180F3
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button DSM2180F3 Datasheet HTML 52Page - STMicroelectronics DSM2180F3 Datasheet HTML 53Page - STMicroelectronics DSM2180F3 Datasheet HTML 54Page - STMicroelectronics DSM2180F3 Datasheet HTML 55Page - STMicroelectronics DSM2180F3 Datasheet HTML 56Page - STMicroelectronics DSM2180F3 Datasheet HTML 57Page - STMicroelectronics DSM2180F3 Datasheet HTML 58Page - STMicroelectronics DSM2180F3 Datasheet HTML 59Page - STMicroelectronics DSM2180F3 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
56/63
Table 35. ISC Timing
Note: 1. For non-PLD Programming, Erase or in ISC by-pass mode.
2. For Program or Erase PLD only.
Figure 37. ISC Timing
Symbol
Parameter
Conditions
-90
Unit
Min
Max
tISCCF
Clock (TCK, PC1) Frequency (except for PLD)
(Note 1)
18
MHz
tISCCH
Clock (TCK, PC1) High Time (except for PLD)
(Note 1)
26
ns
tISCCL
Clock (TCK, PC1) Low Time (except for PLD)
(Note 1)
26
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
2MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
ns
tISCPSU
ISC Port Set Up Time
8
ns
tISCPH
ISC Port Hold Up Time
5
ns
tISCPCO
ISC Port Clock to Output
23
ns
tISCPZV
ISC Port High-Impedance to Valid Output
23
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
23
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com