Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 204Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 205Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 206Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 207Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 208Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 209Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-20
USER’S MANUAL
Figure 8-9 External Multiplexing of Analog Signal Sources
~
~
~
~
~
~
~
~
CIN
CSAMPLE
CIN
CSAMPLE
CIN = CIN + CSAMPLE
R MUXOUT
R SOURCE2
ANALOG SIGNAL SOURCE
FILTERING AND
INTERCONNECT
TYPICAL MUX CHIP
INTERCONNECT
ADC
ADC EXT MUX EX
~
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
C MUXOUT
(MC54HC4051, MC74HC4051,
MC54HC4052, MC74HC4052,
MC54HC4053, ETC.)
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
R SOURCE2
C FILTER
C SOURCE
R FILTER2
C MUXIN
0.1
µF1
C FILTER
R FILTER2
0.1
µF1
1. TYPICAL VALUE
2. RFILTER TYPICALLY 10KΩ–20KΩ.
NOTES:
R SOURCE2
C SOURCE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com