Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 500 page
background image
NOMENCLATURE
M68HC16 Z SERIES
2-6
USER’S MANUAL
2.4 Conventions
Logic level one is the voltage that corresponds to a Boolean true (1) state.
Logic level zero is the voltage that corresponds to a Boolean false (0) state.
Set refers specifically to establishing logic level one on a bit or bits.
Clear refers specifically to establishing logic level zero on a bit or bits.
Asserted means that a signal is in active logic state. An active low signal changes
from logic level one to logic level zero when asserted, and an active high signal chang-
es from logic level zero to logic level one.
Negated means that an asserted signal changes logic state. An active low signal
changes from logic level zero to logic level one when negated, and an active high sig-
nal changes from logic level one to logic level zero.
A specific mnemonic within a range is referred to by mnemonic and number. A15 is
bit 15 of accumulator A; ADDR7 is line 7 of the address bus; CSOR0 is chip-select op-
tion register 0. A range of mnemonics is referred to by mnemonic and the numbers
that define the range. VBR[4:0] are bits four to zero of the vector base register;
CSOR[0:5] are the first six chip-select option registers.
Parentheses are used to indicate the content of a register or memory location, rather
than the register or memory location itself. For example, (A) is the content of accumu-
lator A. (M
: M + 1) is the content of the word at address M.
LSB means least significant bit or bits. MSB means most significant bit or bits. Refer-
ences to low and high bytes are spelled out.
LSW means least significant word or words. MSW means most significant word or
words.
ADDR is the address bus. ADDR[7:0] are the eight LSB of the address bus.
DATA is the data bus. DATA[15:8] are the eight MSB of the data bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com