Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 500 page
background image
CENTRAL PROCESSOR UNIT
M68HC16 Z SERIES
4-4
USER’S MANUAL
4.2.5 Condition Code Register
The 16-bit condition code register is composed of two functional blocks. The eight
MSB, which correspond to the CCR on the M68HC11, contain the low-power stop con-
trol bit and processor status flags. The eight LSB contain the interrupt priority field, the
DSP saturation mode control bit, and the program counter address extension field.
Figure 4-2 shows the condition code register. Detailed descriptions of each status in-
dicator and field in the register follow the figure.
Figure 4-2 Condition Code Register
S — STOP Enable
0 = Stop clock when LPSTOP instruction is executed.
1 = Perform NOP when LPSTOP instruction is executed.
MV — Accumulator M overflow flag
MV is set when an overflow into AM35 has occurred.
H — Half Carry Flag
H is set when a carry from A3 or B3 occurs during BCD addition.
EV — Accumulator M Extension Overflow Flag
EV is set when an overflow into AM31 has occurred.
N — Negative Flag
N is set under the following conditions:
• When the MSB is set in the operand of a read operation.
• When the MSB is set in the result of a logic or arithmetic operation.
Z — Zero Flag
Z is set under the following conditions:
• When all bits are zero in the operand of a read operation.
• When all bits are zero in the result of a logic or arithmetic operation.
V — Overflow Flag
V is set when a two’s complement overflow occurs as the result of an operation.
C — Carry Flag
C is set when a carry or borrow occurs during an arithmetic operation. This flag is also
used during shift and rotate to facilitate multiple word operations.
IP[2:0] — Interrupt Priority Field
The priority value in this field (0 to 7) is used to mask interrupts.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
S
MV
H
EV
N
Z
V
C
IP[2:0]
SM
PK[3:0]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com