Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-14
USER’S MANUAL
ANDB
AND B
(B)
• (M) ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C6
D6
E6
F6
17C6
17D6
17E6
17F6
27C6
27D6
27E6
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
ANDD
AND D
(D)
• (M : M + 1) ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
86
96
A6
37B6
37C6
37D6
37E6
37F6
2786
2796
27A6
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
4
6
6
6
6
6
6
6
——
—
—
∆∆
0—
ANDE
AND E
(E)
• (M : M + 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3736
3746
3756
3766
3776
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
—
—
∆∆
0—
ANDP
1
AND CCR
(CCR)
• IMM16⇒ CCR
IMM16
373A
jj kk
4
∆
∆
∆
∆
∆∆∆∆
ASL
Arithmetic Shift Left
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
04
14
24
1704
1714
1724
1734
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
—
—
∆∆∆∆
ASLA
Arithmetic Shift Left A
INH
3704
—
2
—
—
—
—
∆∆∆∆
ASLB
Arithmetic Shift Left B
INH
3714
—
2
—
—
—
—
∆∆∆∆
ASLD
Arithmetic Shift Left D
INH
27F4
—
2
—
—
—
—
∆∆∆∆
ASLE
Arithmetic Shift Left E
INH
2774
—
2
—
—
—
—
ASLM
Arithmetic Shift Left
AM
INH
27B6
—
4
—
—
—
—
ASLW
Arithmetic Shift Left
Word
IND16, X
IND16, Y
IND16, Z
EXT
2704
2714
2724
2734
gggg
gggg
gggg
hh ll
8
8
8
8
——
—
—
ASR
Arithmetic Shift Right
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
0D
1D
2D
170D
171D
172D
173D
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
—
—
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com