Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSOR UNIT
USER’S MANUAL
4-1
SECTION 4
CENTRAL PROCESSOR UNIT
This section is an overview of the central processor unit (CPU16). For detailed infor-
mation, refer to the
CPU16 Reference Manual (CPU16RM/AD).
4.1 General
The CPU16 provides compatibility with the M68HC11 CPU and also provides addition-
al capabilities associated with 16- and 32-bit data sizes, 20-bit addressing, and digital
signal processing. CPU16 registers are an integral part of the CPU and are not ad-
dressed as memory locations.
The CPU16 treats all peripheral, I/O, and memory locations as parts of a linear one
Megabyte address space. There are no special instructions for I/O that are separate
from instructions for addressing memory. Address space is made up of sixteen 64-
Kbyte banks. Specialized bank addressing techniques and support registers provide
transparent access across bank boundaries.
The CPU16 interacts with external devices and with other modules within the micro-
controller via a standardized bus and bus interface. There are bus protocols used for
memory and peripheral accesses, as well as for managing a hierarchy of interrupt
priorities.
4.2 Register Model
Figure 4-1 shows the CPU16 register model. Refer to the paragraphs that follow for a
detailed description of each register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com