Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 500 page
background image
OVERVIEW
M68HC16 Z SERIES
3-14
USER’S MANUAL
MISO
QSM
Input/Output
—
MISO1
MCCI
Input/Output
—
MODCLK
SIM
Input
—
MOSI
QSM
Input/Output
—
MOSI1
MCCI
Input/Output
—
OC[5:1]
GPT
Output
—
PADA[7:0]
ADC
Input
—
PAI
GPT
Input
—
PC[6:0]
SIM
Output
—
PE[7:0]
SIM
Input/Output
—
PF[7:0]
SIM
Input/Output
—
PGP[7:0]
GPT
Input/Output
—
PQS[7:0]
QSM
Input/Output
—
PCLK
GPT
Input
—
PCS[3:0]
QSM
Input/Output
—
PWMA, PWMB
GPT
Output
—
PMC[7:0]1
MCCI
Input/Output
—
QUOT
SIM
Output
—
R/W
SIM
Output
1/0
RESET
SIM
Input/Output
0
RXD
QSM
Input
—
RXDA1
MCCI
Input
—
RXDB1
MCCI
Input
—
SCK
QSM
Input/Output
—
SCK1
MCCI
Input/Output
—
SIZ[1:0]
SIM
Output
1/0
SS
QSM
Input
0
SS1
MCCI
Input
0
TSC
SIM
Input
1
TXD
QSM
Output
—
TXDA1
MCCI
Output
—
TXDB1
MCCI
Output
—
XFC
SIM
Input
—
XTAL
SIM
Output
—
NOTES:
1. Used only in the MC68HC16Z4/CK16Z4.
Table 3-4 M68HC16 Z-Series Signal Characteristics (Continued)
Signal
Name
MCU
Module
Signal
Type
Active
State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com