Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-23
ORAA
OR A
(A) ' (M)
⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
47
57
67
77
1747
1757
1767
1777
2747
2757
2767
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
ORAB
OR B
(B) ' (M)
⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C7
D7
E7
F7
17C7
17D7
17E7
17F7
27C7
27D7
27E7
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
ORD
OR D
(D) ' (M : M + 1)
⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
87
97
A7
37B7
37C7
37D7
37E7
37F7
2787
2797
27A7
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
4
6
6
6
6
6
6
6
——
—
—
∆∆
0—
ORE
OR E
(E) ' (M : M
+ 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3737
3747
3757
3767
3777
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
—
—
∆∆
0—
ORP 1
OR Condition Code
Register
(CCR) ' IMM16
⇒ CCR
IMM16
373B
jj kk
4
∆
∆
∆
∆
∆∆∆∆
PSHA
Push A
(SK : SP) + $0001
⇒ SK : SP
Push (A)
(SK : SP)
− $0002 ⇒ SK:SP
INH
3708
—
4
—
—
—
—
————
PSHB
Push B
(SK : SP) + $0001
⇒ SK : SP
Push (B)
(SK : SP)
− $0002 ⇒ SK:SP
INH
3718
—
4
—
—
—
—
————
PSHM
Push Multiple
Registers
Mask bits:
0 = D
1 = E
2 = IX
3 = IY
4 = IZ
5 = K
6 = CCR
7 = (Reserved)
For mask bits 0 to 7:
If mask bit set
Push register
(SK : SP)
− 2 ⇒ SK : SP
IMM8
34
ii
4
+ 2N
N =
number of
registers
pushed
—
—
—
—
————
PSHMAC
Push MAC Registers
MAC Registers
⇒ Stack
INH
27B8
—
14
—
—
—
—
————
PULA
Pull A
(SK : SP) + $0002
⇒ SK : SP
Pull (A)
(SK : SP) – $0001
⇒ SK : SP
INH
3709
—
6
—
—
—
—
————
PULB
Pull B
(SK : SP) + $0002
⇒ SK : SP
Pull (B)
(SK : SP) – $0001
⇒ SK : SP
INH
3719
—
6
—
—
—
—
————
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com