Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-11
3.4 Pin Descriptions
The following tables are a summary of the functional characteristics of M68HC16 Z-
series MCU pins. Table 3-1 shows all inputs and outputs. Digital inputs and outputs
use CMOS logic levels. An entry in the “Discrete I/O” column indicates that a pin can
also be used for general-purpose input, output, or both. The I/O port designation is giv-
en when it applies. Refer to Figure 3-1 for port organization. Table 3-2 shows types
of output drivers. Table 3-3 shows characteristics of power pins.
Table 3-1 M68HC16 Z-Series Pin Characteristics
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
ADDR23/CS10/ECLK
A
Y
N
O
—
ADDR[22:19]/CS[9:6]
A
Y
N
O
PC[6:3]
ADDR[18:0]
A
Y
N
—
—
AN[7:0]1
—
Y
N
I
PADA[7:0]
AS
B
Y
Y
I/O
PE5
AVEC
B
Y
N
I/O
PE2
BERR
B
Y
N
—
—
BG/CS1
B
—
—
—
—
BGACK/CS2
B
Y
N
—
—
BKPT/DSCLK
—
Y
Y
—
—
BR/CS0
B
Y
N
O
—
CLKOUT
A
—
—
—
—
CSBOOT
B
—
—
—
—
DATA[15:0]1
AW
Y
N
—
—
DS
B
Y
Y
I/O
PE4
DSACK[1:0]
B
Y
N
I/O
PE[1:0]
DSI/IPIPE1
A
Y
Y
—
—
DSO/IPIPE0
A
—
—
—
—
EXTAL2
—
—
Special
—
—
FC[2:0]/CS[5:3]
A
Y
N
O
PC[2:0]
FREEZE/QUOT
A
—
—
—
—
HALT
Bo
Y
N
—
—
IC4/OC5
A
Y
Y
I/O
PGP7
IC[3:1]
A
Y
Y
I/O
PGP[2:0]
IRQ[7:1]
B
Y
Y
I/O
PF[7:1]
MISO
Bo
Y
Y
I/O
PQS0
MISO3
Bo
Y
Y
I/O
PMC0
MODCLK1
B
Y
N
I/O
PF0
MOSI
Bo
Y
Y
I/O
PQS1
MOSI3
Bo
Y
Y
I/O
PMC1
OC[4:1]
A
Y
Y
I/O
PGP[6:3]
PAI4
—Y
Y
I
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com