Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSOR UNIT
USER’S MANUAL
4-7
Signed 36-bit fixed-point numbers are used only by the MAC unit. Bit 35 is the sign bit.
Bits [34:31] are sign extension bits. There is an implied radix point between bits 31 and
30. There are 31 bits of magnitude, but use of the extension bits allows representation
of numbers in the range –16 ($800000000) to 15.999969482 ($7FFFFFFFF).
4.5 Memory Organization
Both program and data memory are divided into sixteen 64-Kbyte banks. Addressing
is linear. A 20-bit extended address can access any byte location in the appropriate
address space.
A word is composed of two consecutive bytes. A word address is normally an even
byte address. Byte 0 of a word has a lower 16-bit address than byte 1. Long words and
32-bit signed fractions consist of two consecutive words, and are normally accessed
at the address of byte 0 in word 0.
Instruction fetches always access word addresses. Word operands are normally ac-
cessed at even byte addresses, but can be accessed at odd byte addresses, with a
substantial performance penalty.
To permit compatibility with the M68HC11, misaligned word transfers and misaligned
stack accesses are allowed. Transferring a misaligned word requires two successive
byte transfer operations.
Figure 4-3 shows how each CPU16 data type is organized in memory. Consecutive
even addresses show size and alignment.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com