Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-13
3.5 Signal Descriptions
The following tables define the M68HC16 Z-series MCU signals. Table 3-4 shows sig-
nal origin, type, and active state. Table 3-5 describes signal functions. Both tables are
sorted alphabetically by mnemonic. MCU pins often have multiple functions. More
than one description can apply to a pin.
Table 3-3 M68HC16 Z-Series Power Connections
Pin Mnemonic
Description
VSTBY
Standby RAM power
VDDSYN
Clock synthesizer power
VDDA/VSSA
A/D converter power
VRH/VRL
A/D reference voltage
VSS/VDD
Microcontroller power
Table 3-4 M68HC16 Z-Series Signal Characteristics
Signal
Name
MCU
Module
Signal
Type
Active
State
ADDR[23:0]
SIM
Bus
—
AN[7:0]
ADC
Input
—
AS
SIM
Output
0
AVEC
SIM
Input
0
BERR
SIM
Input
0
BG
SIM
Output
0
BGACK
SIM
Input
0
BKPT
CPU16
Input
0
BR
SIM
Input
0
CLKOUT
SIM
Output
—
CS[10:0]
SIM
Output
0
CSBOOT
SIM
Output
0
DATA[15:0]
SIM
Bus
—
DS
SIM
Output
0
DSACK[1:0]
SIM
Input
0
DSCLK
CPU16
Input
Serial Clock
DSI
CPU16
Input
Serial Data
DSO
CPU16
Output
Serial Data
EXTAL
SIM
Input
—
FC[2:0]
SIM
Output
—
FREEZE
SIM
Output
1
HALT
SIM
Input/Output
0
IC[4:1]
GPT
Input
—
IPIPE0
CPU16
Output
—
IPIPE1
CPU16
Output
—
IRQ[7:1]
SIM
Input
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com