Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-26
USER’S MANUAL
STAB
Store B
(B)
⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
CA
DA
EA
17CA
17DA
17EA
17FA
27CA
27DA
27EA
ff
ff
ff
gggg
gggg
gggg
hh ll
—
—
—
4
4
4
6
6
6
6
4
4
4
——
—
—
∆∆
0—
STD
Store D
(D)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
8A
9A
AA
37CA
37DA
37EA
37FA
278A
279A
27AA
ff
ff
ff
gggg
gggg
gggg
hh ll
—
—
—
4
4
4
6
6
6
6
6
6
6
——
—
—
∆∆
0—
STE
Store E
(E)
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
374A
375A
376A
377A
gggg
gggg
gggg
hh ll
6
6
6
6
——
—
—
∆∆
0—
STED
Store Concatenated
D and E
(E)
⇒ M : M + 1
(D)
⇒ M + 2 : M + 3
EXT
2773
hh ll
8
—
—
—
—
————
STS
Store Stack Pointer
(SP)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8F
9F
AF
178F
179F
17AF
17BF
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
—
—
∆∆
0—
STX
Store IX
(IX)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8C
9C
AC
178C
179C
17AC
17BC
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
—
—
∆∆
0—
STY
Store IY
(IY)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8D
9D
AD
178D
179D
17AD
17BD
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
—
—
∆∆
0—
STZ
Store Z
(IZ)
⇒ M : M + 1
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
8E
9E
AE
178E
179E
17AE
17BE
ff
ff
ff
gggg
gggg
gggg
hh ll
4
4
4
6
6
6
6
——
—
—
∆∆
0—
SUBA
Subtract from A
(A)
− (M) ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
40
50
60
70
1740
1750
1760
1770
2740
2750
2760
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆∆∆
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com