Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-19
EDIVS
Extended Signed
Integer Divide
(E : D)
/ (IX)
Quotient
⇒ IX
Remainder
⇒ D
INH
3729
—
38
—
—
—
—
∆∆∆∆
EMUL
Extended Unsigned
Multiply
(E)
∗ (D) ⇒ E : D
INH
3725
—
10
—
—
—
—
∆∆ — ∆
EMULS
Extended Signed
Multiply
(E)
∗ (D) ⇒ E : D
INH
3726
—
8
—
—
—
—
∆∆ — ∆
EORA
Exclusive OR A
(A)
⊕ (M) ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
44
54
64
74
1744
1754
1764
1774
2744
2754
2764
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
EORB
Exclusive OR B
(B)
⊕ (M) ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C4
D4
E4
F4
17C4
17D4
17E4
17F4
27C4
27D4
27E4
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
EORD
Exclusive OR D
(D)
⊕ (M : M + 1) ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
84
94
A4
37B4
37C4
37D4
37E4
37F4
2784
2794
27A4
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
4
6
6
6
6
6
6
6
——
—
—
∆∆
0—
EORE
Exclusive OR E
(E)
⊕ (M : M + 1) ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3734
3744
3754
3764
3774
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
—
—
∆∆
0—
FDIV
Fractional
Unsigned Divide
(D) / (IX)
⇒ IX
Remainder
⇒ D
INH
372B
—
22
—
—
—
—
—
∆∆∆
FMULS
Fractional Signed
Multiply
(E)
∗ (D) ⇒ E : D[31:1]
0
⇒ D[0]
INH
3727
—
8
—
—
—
—
∆∆∆∆
IDIV
Integer Divide
(D)
/ (IX) ⇒ IX
Remainder
⇒ D
INH
372A
—
22
—
—
—
—
—
∆
0
∆
INC
Increment Memory
(M)
+ $01 ⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
03
13
23
1703
1713
1723
1733
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
—
—
∆∆∆ —
INCA
Increment A
(A) + $01
⇒ A
INH
3703
—
2
—
—
—
—
∆∆∆ —
INCB
Increment B
(B) + $01
⇒ B
INH
3713
—
2
—
—
—
—
∆∆∆ —
INCW
Increment Memory
Word
(M : M + 1) + $0001
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
2703
2713
2723
2733
gggg
gggg
gggg
hh ll
8
8
8
8
——
—
—
∆∆∆ —
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com