Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 43Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 44Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 45Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 500 page
background image
OVERVIEW
M68HC16 Z SERIES
3-12
USER’S MANUAL
PCLK4
—Y
Y
I
—
PCS0/SS
Bo
Y
Y
I/O
PQS3
PCS[3:1]
Bo
Y
Y
I/O
PQS[6:4]
PWMA, PWMB5
A—
—
O
—
R/WA
Y
N
—
—
RESET
Bo
Y
Y
—
—
RXD
—
N
N
—
—
RXDA3
Bo
Y
Y
—
PMC6
RXDB3
Bo
Y
Y
—
PMC4
SCK3
Bo
Y
Y
—
PMC2
SCK
Bo
Y
Y
I/O
PQS2
SIZ[1:0]
B
Y
Y
I/O
PE[7:6]
SS3
Bo
Y
Y
—
PMC3
TSC
—
Y
Y
—
—
TXD
Bo
Y
Y
I/O
PQS7
TXDA3
Bo
Y
Y
—
PMC7
TXDB3
Bo
Y
Y
—
PMC5
XFC2
—
—
—
Special
—
XTAL2
—
—
—
Special
—
NOTES:
1. DATA[15:0] are synchronized during reset only. MODCLK, QSM, MCCI and ADC pins are synchronized
only when used as input port pins.
2. EXTAL, XFC, and XTAL are clock reference connections.
3. MCCI pins used only on the MC68HC16Z4/CK16Z4.
4. PAI and PCLK can be used for discrete input, but are not part of an I/O port.
5. PWMA and PWMB can be used for discrete output, but are not part of an I/O port.
Table 3-2 M68HC16 Z-Series Driver Types
Type
I/O
Description
A
O
Three-state capable output signals
Aw
O
Type A output with weak p-channel pull-up during reset
BO
Three-state output that includes circuitry to pull up output before high impedance is established,
to ensure rapid rise time
Bo
O
Type B output that can be operated in an open-drain mode
Table 3-1 M68HC16 Z-Series Pin Characteristics (Continued)
Pin
Mnemonic
Output
Driver
Input
Synchronized
Input
Hysteresis
Discrete
I/O
Port
Designation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com