Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSOR UNIT
USER’S MANUAL
4-11
4.6.8 Use of CPU16 Indexed Mode to Replace M68HC11 Direct Mode
In M68HC11 systems, the direct addressing mode can be used to perform rapid ac-
cesses to RAM or I/O mapped from $0000 to $00FF. The CPU16 uses the first 512
bytes of bank 0 for exception vectors. To provide an enhanced replacement for the
M68HC11’s direct addressing mode, the ZK field and index register Z have been as-
signed reset initialization vectors. By resetting the ZK field to a chosen page and using
indexed mode addressing, a programmer can access useful data structures anywhere
in the address map.
4.7 Instruction Set
The CPU16 instruction set is based on the M68HC11 instruction set, but the opcode
map has been rearranged to maximize performance with a 16-bit data bus. Most
M68HC11 code can run on the CPU16 following reassembly. The user must take into
account changed instruction times, the interrupt mask, and the changed interrupt stack
frame (refer to
Transporting M68HC11 Code to M68HC16 Devices,Freescale Pro-
gramming Note M68HC16PN01/D, for more information).
4.7.1 Instruction Set Summary
Table 4-2 is a quick reference to the entire CPU16 instruction set. Refer to the
CPU16
Reference Manual (CPU16RM/AD) for detailed information about each instruction, as-
sembler syntax, and condition code evaluation. Table 4-3 provides a key to the table
nomenclature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com