Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-34
USER’S MANUAL
Figure 4-4 Basic Instruction Formats
4.10 Execution Model
This description builds up a conceptual model of the mechanism the CPU16 uses to
fetch and execute instructions. The functional divisions in the model do not necessarily
correspond to physical subunits of the microprocessor.
As shown in Figure 4-5, there are three functional blocks involved in fetching, decod-
ing, and executing instructions. These are the microsequencer, the instruction pipe-
line, and the execution unit. These elements function concurrently. All three may be
active at any given time.
8-Bit Opcode with 8-Bit Operand
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
Operand
8-Bit Opcode with 4-Bit Index Extensions
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
X Extension
Y Extension
8-Bit Opcode, Argument(s)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
Operand
Operand(s)
Operand(s)
8-Bit Opcode with 8-Bit Prebyte, No Argument
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Prebyte
Opcode
8-Bit Opcode with 8-Bit Prebyte, Argument(s)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Prebyte
Opcode
Operand(s)
Operand(s)
8-Bit Opcode with 20-Bit Argument
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Opcode
$0
Extension
Operand
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com