Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 500 page
background image
OVERVIEW
M68HC16 Z SERIES
3-2
USER’S MANUAL
3.1.4 Masked ROM Module (MRM) — (MC68HC16Z2/Z3 Only)
• 8-Kbyte array, accessible as bytes or words
• User-selectable default base address
• User-selectable bootstrap ROM function
• User-selectable ROM verification code
3.1.5 Analog-to-Digital Converter (ADC)
• Eight channels, eight result registers
• Eight automated modes
• Three result alignment modes
3.1.6 Queued Serial Module (QSM)
• Enhanced serial communication interface
• Queued serial peripheral interface
• One 8-bit dual function port
3.1.7 Multichannel Communication Interface (MCCI) — (MC68HC16Z4/CKZ4 Only)
• Two channels of enhanced SCI (UART)
• One channel of SPI
3.1.8 General-Purpose Timer (GPT)
• Two 16-bit free-running counters with prescaler
• Three input capture channels
• Four output compare channels
• One input capture/output compare channel
• One pulse accumulator/event counter input
• Two pulse width modulation outputs
• Optional external clock input
3.2 Intermodule Bus
The intermodule bus (IMB) is a standardized bus developed to facilitate the design of
modular microcontrollers. It contains circuitry that supports exception processing, ad-
dress space partitioning, multiple interrupt levels, and vectored interrupts. The stan-
dardized modules in M68HC16 Z-series MCUs communicate with one another via the
IMB. Although the full IMB supports 24 address and 16 data lines, M68HC16 Z-series
MCUs use only 20 address lines. ADDR[23:20] follow the state of ADDR19.
3.3 System Block Diagram and Pin Assignment Diagrams
Figure 3-1 is a functional diagram of the MC68HC16Z1/CKZ1/CMZ1 MCU. Refer to
Figure 3-2 for a functional diagram of the MC68HC16Z2/Z3 MCU. Figure 3-3 is a
functional diagram of the MC68HC16Z4/CKZ4 MCU. Although diagram blocks repre-
sent the relative size of the physical modules, there is not a one-to-one correspon-
dence between location and size of blocks in the diagram and location and size of
integrated-circuit modules.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com