Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 234 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 230Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 231Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 232Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 233Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 234Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 235Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 236Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 237Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 500 page
background image
QUEUED SERIAL MODULE
M68HC16 Z SERIES
9-24
USER’S MANUAL
9.4.1 SCI Registers
The SCI programming model includes the QSM global and pin control registers, and
four SCI registers. There are two SCI control registers (SCCR0 and SCCR1), one sta-
tus register (SCSR), and one data register (SCDR). Refer to D.6 Queued Serial Mod-
ule for register bit and field definitions.
9.4.1.1 Control Registers
SCCR0 contains the baud rate selection field. Baud rate must be set before the SCI is
enabled. This register can be read or written.
SCCR1 contains a number of SCI configuration parameters, including transmitter and
receiver enable bits, interrupt enable bits, and operating mode enable bits. This regis-
ter can be read or written at any time. The SCI can modify the RWU bit under certain
circumstances.
Changing the value of SCI control bits during a transfer may disrupt operation. Before
changing register values, allow the SCI to complete the current transfer, then disable
the receiver and transmitter.
9.4.1.2 Status Register
SCSR contains flags that show SCI operating conditions. These flags are cleared ei-
ther by SCI hardware or by reading SCSR, then reading or writing SCDR. A long-word
read can consecutively access both SCSR and SCDR. This action clears receiver sta-
tus flag bits that were set at the time of the read, but does not clear TDRE or TC flags.
If an internal SCI signal for setting a status bit comes after reading the asserted status
bits, but before reading or writing SCDR, the newly set status bit is not cleared. SCSR
must be read again with the bit set, and SCDR must be read or written before the sta-
tus bit is cleared.
Reading either byte of SCSR causes all 16 bits to be accessed, and any status bit al-
ready set in either byte is cleared on a subsequent read or write of SCDR.
9.4.1.3 Data Register
SCDR contains two data registers at the same address. The receive data register
(RDR) is a read-only register that contains data received by the SCI. Data enters the
receive serial shifter and is transferred to RDR. The transmit data register (TDR) is a
write-only register that contains data to be transmitted. Data is first written to TDR,
then transferred to the transmit serial shifter, where additional format bits are added
before transmission. R[7:0]/T[7:0] contain either the first eight data bits received when
SCDR is read, or the first eight data bits to be transmitted when SCDR is written. R8/
T8 are used when the SCI is configured for 9-bit operation. When the SCI is configured
for 8-bit operation, they have no meaning or effect.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com