Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 261Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 262Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 263Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 264Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 265Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 266Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 267Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 268Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 500 page
background image
M68HC16 Z SERIES
GENERAL-PURPOSE TIMER
USER’S MANUAL
11-1
SECTION 11
GENERAL-PURPOSE TIMER
This section is an overview of the general-purpose timer (GPT) function. Refer to the
GPT Reference Manual (GPTRM/AD) for complete information about the GPT mod-
ule.
11.1 General
The 11-channel general-purpose timer (GPT) is used in systems where a moderate
level of CPU control is required. The GPT consists of a capture/compare unit, a pulse
accumulator, and two pulse-width modulators. A bus interface unit connects the GPT
to the intermodule bus (IMB). Figure 11-1 is a block diagram of the GPT.
The capture/compare unit features three input capture channels, four output compare
channels, and one channel that can be selected as input capture or output compare.
These channels share a 16-bit free-running counter (TCNT) that derives its clock from
a nine-stage prescaler or from the external clock input signal, PCLK.
Pulse accumulator channel logic includes an 8-bit counter. The pulse accumulator can
operate in either event counting mode or gated time accumulation mode.
Pulse-width modulator outputs are periodic waveforms whose duty cycles can be in-
dependently selected and modified by user software. The PWM circuits share a 16-bit
free-running counter that can be clocked by the same nine-stage prescaler used by
the capture/compare unit or by the PCLK input.
All GPT pins can also be used for general-purpose input/output. The input capture and
output compare pins form a bidirectional 8-bit parallel port (port GP). PWM pins are
outputs only. PAI and PCLK pins are inputs only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com