Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 293 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 293 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 289Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 290Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 291Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 292Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 293Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 294Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 295Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 296Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 297Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-9
Table A-10 25.17-MHz Clock Control Timing
(VDD and VDDSYN = 5.0 Vdc ± 5%, VSS = 0 Vdc, TA = TL to TH)
Num
Characteristic
Symbol
Min
Max
Unit
1
PLL Reference Frequency Range1
MC68HC16Z1
MC68HC16Z2
MC68HC16Z3
NOTES:
1. The base configuration of the MC68HC16Z1, MC68CK16Z1, MC68HC16Z4, and the MC68CK16Z4 requires
a 32.768 kHz crystal reference. The base configuration of the MC68CM16Z1, M68HC16Z2, and the
MC68HC16Z3 requires a 4.194 MHz crystal reference.
fref
20
3.2
3.2
50
5.2
5.2
kHz
MHz
MHz
2
System Frequency2
On-Chip PLL System Frequency
Slow On-Chip PLL System Frequency
Fast On-Chip PLL System Frequency
External Clock Operation
2. All internal registers retain data at 0 Hz.
fsys
dc
4 (fref)
4 (fref) /128
dc
25.17
25.17
25.17
25.17
MHz
3
PLL Lock Time1, 7, 8, 9
Changing W or Y in SYNCR or exiting from
LPSTOP3
Warm Start-Up4
Cold Start-Up (fast reference option only)5
3. Assumes that VDDSYN and VDD are stable, that an external filter is attached to the XFC pin, and that the crystal
oscillator is stable.
4. Assumes that VDDSYN is stable, that an external filter is attached to the XFC pin, and that the crystal oscillator
is stable, followed by VDD ramp-up. Lock time is measured from VDD at specified minimum to RESET negated.
5. Cold start is measured from VDDSYN and VDD at specified minimum to RESET negated.
tlpll
—
—
—
20
50
75
ms
4
VCO Frequency6
6. Internal VCO frequency (fVCO) is determined by SYNCR W and Y bit values. The SYNCR X bit controls a di-
vide-by-two circuit that is not in the synthesizer feedback loop.
When X = 0, the divider is enabled, and fsys = fVCO ÷ 4.
When X = 1, the divider is disabled, and fsys = fVCO ÷ 2.
X must equal one when operating at maximum specified fsys.
fVCO
—
2 (fsys max)
MHz
5
Limp Mode Clock Frequency
SYNCR X bit = 0
SYNCR X bit = 1
flimp
—
—
fsys max/2
fsys max
MHz
6
CLKOUT Jitter1, 7, 8, 9, 10
Short term (5
µs interval)
Long term (500
µs interval)
7. This parameter is periodically sampled rather than 100% tested.
8. Assumes that a low-leakage external filter network is used to condition clock synthesizer input voltage. Total
external resistance from the XFC pin due to external leakage must be greater than 15 M
Ω to guarantee this
specification. Filter network geometry can vary depending upon operating environment
.
9. Proper layout procedures must be followed to achieve specifications.
10. Jitter is the average deviation from the programmed frequency measured over the specified interval at maxi-
mum fsys. Measurements are made with the device powered by filtered supplies and clocked by a stable exter-
nal clock signal. Noise injected into the PLL circuitry via VDDSYN and VSS and variation in crystal oscillator
frequency increase the Jclk percentage for a given interval. When jitter is a critical constraint on control system
operation, this parameter should be measured during functional testing of the final system.
J
clk
–1.0
–0.05
1.0
0.5
%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com