Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 294Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 295Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 296Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 297Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 298Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 299Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 300Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 301Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-14
USER’S MANUAL
Table A-13 20.97-MHz DC Characteristics
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Min
Max
Unit
1
Input High Voltage
VIH
0.7 (VDD)VDD + 0.3
V
2
Input Low Voltage
VIL
VSS – 0.3 0.2 (VDD)V
3
Input Hysteresis1, 2
VHYS
0.5
—
V
4
Input Leakage Current3, 4
Vin = VDD or VSS
IIN
–2.5
2.5
µA
5
High Impedance (Off-State) Leakage Current4, 5
Vin = VDD or VSS
IOZ
–2.5
2.5
µA
6
CMOS Output High Voltage4, 6, 7
IOH = –10.0 µA
VOH
VDD –0.2
—
V
7
CMOS Output Low Voltage4, 8
IOL = 10.0 µA
VOL
—
0.2
V
8
Output High Voltage4, 6, 7
IOH = –0.8 mA
VOH
VDD –0.8
—
V
9
Output Low Voltage4, 8
IOL = 1.6 mA
IOL = 5.3 mA
IOL = 12 mA
VOL
—
—
—
0.4
0.4
0.4
V
10
Three State Control Input High Voltage
VIIHTSC 1.6 (VDD)
9.1
V
11
Data Bus Mode Select Pull-Up Current9, 10
Vin = VIL
Vin = VIH
IMSP
—
–15
–120
—
µA
12
MC68HC16Z1 VDD Supply Current
11, 12, 13
Run
LPSTOP, crystal, VCO Off (STSIM = 0)
LPSTOP, external clock input frequency = maximum fsys
IDD
—
—
—
140
350
5
mA
µA
mA
12A
MC68HC16Z2/Z3 VDD Supply Current
11, 12, 13
Run
LPSTOP, crystal, VCO Off (STSIM = 0)
LPSTOP, external clock input frequency = maximum fsys
IDD
—
—
—
140
2
10
mA
mA
mA
13
Clock Synthesizer Operating Voltage
VDDSYN
4.75
5.25
V
14
MC68HC16Z1 VDDSYN Supply Current
11, 13
VCO on, crystal reference, maximum fsys
External clock, maximum fsys
LPSTOP, crystal reference, VCO off (STSIM = 0)
VDD powered down
IDDSYN
—
—
—
—
2
6
150
100
mA
mA
µA
µA
14A
MC68HC16Z2/Z3 VDDSYN Supply Current
11, 13
VCO on, crystal reference, maximum fsys
External clock, maximum fsys
LPSTOP, crystal reference, VCO off (STSIM = 0)
VDD powered down
IDDSYN
—
—
—
—
2.5
8.75
2
2
mA
mA
mA
mA
15
RAM Standby Voltage14
Specified VDD applied
VDD = VSS
VSB
0.0
3.0
5.25
5.25
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com