Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 413 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 413 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 409Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 410Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 411Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 412Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 413Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 414Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 415Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 416Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 417Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-39
STOP — Low-Power Stop Mode Enable
0 = QSM clock operates normally.
1 = QSM clock is stopped.
When STOP is set, the QSM enters low-power stop mode. The system clock input to
the module is disabled. While STOP is set, only QSMCR reads and writes are guar-
anteed to be valid, but only writes to the QSPI RAM and other QSM registers are guar-
anteed valid. The SCI receiver and transmitter and the QSPI should be disabled
before STOP is set. To stop the QSPI, set the HALT bit in SPCR3, wait until the HAL-
TA flag is set, then set STOP. To stop the SCI, clear the TS and RE bits in SCCR1.
FRZ1 — FREEZE Assertion Response
FRZ1 determines what action is taken by the QSPI when the IMB FREEZE signal is
asserted.
0 = Ignore the IMB FREEZE signal.
1 = Halt the QSPI on a transfer boundary.
FRZ0 — Not Implemented
Bits [12:8] — Not Implemented
SUPV — Supervisor/Unrestricted
This bit has no effect because the CPU16 in the MCU operates only in supervisor
mode.
Bits [6:4] — Not Implemented
IARB[3:0] — Interrupt Arbitration ID
The IARB field is used to arbitrate between simultaneous interrupt requests of the
same priority. Each module that can generate interrupt requests must be assigned a
unique, non-zero IARB field value in order to request an interrupt.
D.6.2 QSM Test Register
QTEST — QSM Test Register
$YFFC02
Used for factory test only.
D.6.3 QSM Interrupt Level Register/Interrupt Vector Register
The values of ILQSPI[2:0] and ILSCI[2:0] in QILR determine the priority of QSPI and
SCI interrupt requests. QIVR determines the value of the interrupt vector number the
QSM supplies when it responds to an interrupt acknowledge cycle.
QILR — QSM Interrupt Levels Register
$YFFC04
QIVR — QSM Interrupt Vector Register
$YFFC05
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NOT USED
ILQSPI[2:0]
ILSCI[2:0]
INTV[7:0]
RESET:
0
0
0
0
0
0
0
0
0
0
1
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com