Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 463 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 463 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 459Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 460Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 461Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 462Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 463Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 464Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 465Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 466Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 467Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 500 page
background image
M68HC16 Z SERIES
INITIALIZATION AND PROGRAMMING EXAMPLES
USER’S MANUAL
E-11
DC.W
BDM
;241
User Defined Interrupt Vector 186
DC.W
BDM
;242
User Defined Interrupt Vector 187
DC.W
BDM
;243
User Defined Interrupt Vector 188
DC.W
BDM
;244
User Defined Interrupt Vector 189
DC.W
BDM
;245
User Defined Interrupt Vector 190
DC.W
BDM
;246
User Defined Interrupt Vector 191
DC.W
BDM
;247
User Defined Interrupt Vector 192
DC.W
BDM
;248
User Defined Interrupt Vector 193
DC.W
BDM
;249
User Defined Interrupt Vector 194
DC.W
BDM
;250
User Defined Interrupt Vector 195
DC.W
BDM
;251
User Defined Interrupt Vector 196
DC.W
BDM
;252
User Defined Interrupt Vector 197
DC.W
BDM
;253
User Defined Interrupt Vector 198
DC.W
BDM
;254
User Defined Interrupt Vector 199
DC.W
BDM
;255
User Defined Interrupt Vector 200
E.1.4 INITSYS.ASM
*
Title : INITSYS
*
Description : Initialize & configure system including
*
the Software Watchdog and System Clock.
****************************************************************************
INITSYS:
;give initial values for extension registers
;and initialize system clock and COP
LDAB
#$0F
TBEK
; point EK to bank F for register access
LDAB
#$00
TBXK
; point XK to bank 0
TBYK
; point YK to bank 0
TBZK
; point ZK to bank 0
LDD
#$0003
; at reset, the CSBOOT block size is 512k.
STD
CSBARBT
; this line sets the block size to 64k
LDD
#$3830; async, both byte, R/W, AS, Zero WS, S/U SP, IPL all,
;AVEC off
STD
CSORBT
;
LDAA
#$7F
; w=0, x=1, y=111111
STAA
SYNCR
; set system clock to 16.78 Mhz
CLR
SYPCR
; turn COP (software watchdog) off,
; since COP is on after reset
E.1.5 INITRAM.ASM
*
Title : INITRAM
*
Description : Initialize the HC16's 1K internal SRAM
*
(put SRAM in memory map at $10000, bank 1)
*
and set the stack inside it.
*****************************************************************************
INITRAM:
;initialize internal SRAM and stack
LDD
#$0001
STD
RAMBAH
; store high ram array, bank 1
LDD
#$0000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com