Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 470 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 470 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 466Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 467Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 468Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 469Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 470Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 471Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 472Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 473Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 474Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 500 page
background image
INITIALIZATION AND PROGRAMMING EXAMPLES
M68HC16 Z SERIES
E-18
USER’S MANUAL
JSR
SEND_CH
;go send out the byte
AIX
#$01
;increment IX to point to the next byte
BRA
SEND_STRING
;loop back and do next byte in string
STRING_DONE:
JSR
DELAY
;wait for a moment
RTS
;go back to whence we came
SEND_CH:
;subroutine to send out one byte to SCI
LDAA
SCSR
;read SCI status reg to check/clear TDRE bit
ANDA
#$01
;check only the TDRE flag bit
BEQ
SEND_CH
;if TDR is not empty, go back to check it
;again
LDAA
#$00
;clear A to send a full word to SCDR ($FFC0E)
STD
SCDR
;transmit one ASCII character to the screen
LOOP5:
LDAB
SCSR+1
ANDB
#$80
;test the TC bit (transfer complete)
BEQ
LOOP5
;continue to wait until TC is set
RTS
;return to send_string subroutine
*****
The STRINGs
*****
STRING
DC
'The System Clock is now running at 16.777 MHz...',0a,0d,00
SEC_STR DC
'check this out!',0a,0d,00,00
STRING2 DC
'The System Clock is now running at 4.194 MHz...',0a,0d,00
*****
Interrupts/Exceptions
*****
BDM:
BGND
;exception vectors point here
;and put the user into background debug mode
E.2.1.4 Example 4 - Software Watchdog, Periodic Interrupt, and Autovector Demo
*
Description : This program demonstrates the software watchdog,
*
the periodic interrupt, and an autovector.
*
The periodic interrupt runs a clock which is updated
*
on the dummy terminal.
Every eight seconds the COP
*
will force a reset unless IRQ6 is grounded.
When IRQ6
*
is pulled low, an autovectored interrupt routine will
*
“feed” the watchdog with $55 and $AA, and the
*
clock will run without being reset on the dummy terminal.
*
*********************************************************************
INCLUDE
'EQUATES.ASM'
;table of EQUates for common registers
INCLUDE
'ORG00000.ASM'
;initialize reset vectors
INCLUDE
'ORG00008.ASM'
;initialize interrupt vectors
ORG
$002C
;put address of autovector routine
DC.W
AUTOV
;at the level 6 vector (IRQ6)
ORG
$0070
;put address of periodic interrupt routine
DC.W
VECRT
;at 1st user defined interrupt vector
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com