Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 479Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 480Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 481Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 482Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 483Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 484Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 485Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 486Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
I-1
INDEX
–A–
ABIU 8-3
AC timing
16.78 MHz A-21
20.97 MHz A-23
25.17 MHz A-25
low voltage, 16.78 MHz A-19
Accumulator
M overflow flag (MV) 4-4, D-3
offset addressing mode 4-10
ADC 8-1
AC characteristics A-65
low voltage A-63
address map D-29
analog subsystem 8-4
block diagram 8-2
bus interface unit (ABIU) 8-3
clock 8-6
conversion
accuracy diagram
10-bit A-71
8-bit A-69
low voltage
10-bit A-70
8-bit A-68
control logic 8-7
modes 8-8
multiple-channel conversions 8-11
parameters 8-8
single-channel conversions 8-10
timing 8-12
DC electrical characteristics
5 V A-64
low voltage A-63
digital control subsystem 8-6
external connections 8-1
features 3-2
maximum ratings A-62
operating characteristics A-67
low voltage A-66
overview 8-1
prescaler 8-6
programmer’s model 8-3
registers
control registers (ADCTL) 8-6, D-31, D-32
left justified
signed (LJSRR) D-36
unsigned (LJURR) D-37
module configuration register (ADCMCR) 8-3,
D-30
port ADA data register (PORTADA) D-30
result registers 8-13
right justified, unsigned (RJURR) D-36
status register (ADCSTAT) 8-6, D-36
test register (ADCTEST) D-30
special operating modes 8-3
ADCMCR 8-1, 8-3, D-30
ADCSTAT D-36
ADCTEST D-30
ADCTL D-31, D-32
ADCTST 8-1
ADDD 4-9
ADDE 4-9
ADDR
bus signals 5-31
definition 2-6
signal 5-35
starting address D-18
Address
bus (ADDR) 5-31
extension 4-6
fields 4-5
register 4-5
map 3-18
-mark wakeup 9-30, 10-22
space
encoding 5-32
maps 3-19
strobe (AS) 5-31
Addressing modes 4-8
accumulator offset 4-10
extended 4-10
immediate 4-9
indexed 4-10
inherent 4-10
post-modified index 4-10
relative 4-10
replacing direct mode 4-11
AIS 4-9
AIX/Y/Z 4-9
Analog
input
circuitry 8-15
considerations 8-19
pins 8-2, 8-21
electrical model 8-21
power pins 8-14
reference pins 8-3, 8-14
subsystem 8-4
supply
filtering and grounding 8-16
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com