Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 133Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 134Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 137Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-28
USER’S MANUAL
The periodic interrupt timer modulus counter is clocked by one of two signals. When
the PLL is enabled (MODCLK = 1 during reset), fref is used with a slow reference os-
cillator; fref 128 is used with fast reference oscillator. When the PLL is disabled (MOD-
CLK = 0 during reset), fref is used. The value of the periodic timer prescaler (PTP) bit
in the periodic interrupt timer register (PITR) determines system clock prescaling for
the periodic interrupt timer. One of two options, either no prescaling, or prescaling by
a factor of 512, can be selected. The value of PTP is affected by the state of the MOD-
CLK pin during reset, as shown in Table 5-11. System software can change PTP val-
ue.
Either clock signal selected by the PTP is divided by four before driving the modulus
counter. The modulus counter is initialized by writing a value to the periodic interrupt
timer modulus (PITM[7:0]) field in PITR. A zero value turns off the periodic timer. When
the modulus counter value reaches zero, an interrupt is generated. The modulus
counter is then reloaded with the value in PITM[7:0] and counting repeats. If a new val-
ue is written to PITR, it is loaded into the modulus counter when the current count is
completed.
The following equation calculates the PIT period when a slow reference frequency is
used:
The following equation calculates the PIT period when a fast reference frequency is
used:
The following equation calculates the PIT period for an externally input clock frequen-
cy on both slow and fast reference frequency devices.
5.4.7 Interrupt Priority and Vectoring
Interrupt priority and vectoring are determined by the values of the periodic interrupt
request level (PIRQL[2:0]) and periodic interrupt vector (PIV) fields in the periodic in-
terrupt control register (PICR).
Table 5-11 MODCLK Pin and PTP Bit at Reset
MODCLK
PTP
0 (External Clock)
1 (
÷ 512)
1 (Internal Clock)
0 (
÷ 1)
PIT Period
PITM[7:0]
() 1 if PTP = 0, 512 if PTP = 1
() 4
()
f
ref
---------------------------------------------------------------------------------------------------------------------
=
PIT Period
128
() PITM[7:0]
() 1 if PTP = 0, 512 if PTP = 1
() 4
()
f
ref
------------------------------------------------------------------------------------------------------------------------------------
=
PIT Period
PITM[7:0]
() 1 if PTP = 0, 512 if PTP = 1
() 4
()
f
sys
---------------------------------------------------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com