Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 135Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 136Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 137Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 138Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 139Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 140Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 141Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 142Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-33
5.5.1.9 Bus Error Signal
The bus error signal (BERR) is asserted when a bus cycle is not properly terminated
by DSACK or AVEC assertion. It can also be asserted in conjunction with DSACK to
indicate a bus error condition, provided it meets the appropriate timing requirements.
Refer to 5.6.5 Bus Exception Control Cycles for more information.
The internal bus monitor can generate the BERR signal for internal-to-internal and in-
ternal-to-external transfers. In systems with an external bus master, the SIM bus mon-
itor must be disabled and external logic must be provided to drive the BERR pin,
because the internal BERR monitor has no information about transfers initiated by an
external bus master. Refer to 5.6.6 External Bus Arbitration for more information.
5.5.1.10 Halt Signal
The halt signal (HALT) can be asserted by an external device for debugging purposes
to cause single bus cycle operation or (in combination with BERR) a retry of a bus cy-
cle in error. The HALT signal affects external bus cycles only. As a result, a program
not requiring use of the external bus may continue executing, unaffected by the HALT
signal. When the MCU completes a bus cycle with the HALT signal asserted,
DATA[15:0] is placed in a high-impedance state and bus control signals are driven in-
active; the address, function code, size, and read/write signals remain in the same
state. If HALT is still asserted once bus mastership is returned to the MCU, the ad-
dress, function code, size, and read/write signals are again driven to their previous
states. The MCU does not service interrupt requests while it is halted. Refer to 5.6.5
Bus Exception Control Cycles for further information.
5.5.1.11 Autovector Signal
The autovector signal (AVEC) can be used to terminate external interrupt acknowledg-
ment cycles. Assertion of AVEC causes the CPU16 to generate vector numbers to lo-
cate an interrupt handler routine. If AVEC is continuously asserted, autovectors are
generated for all external interrupt requests. AVEC is ignored during all other bus cy-
cles. Refer to 5.8 Interrupts for more information. AVEC for external interrupt re-
quests can also be supplied internally by chip-select logic. Refer to 5.9 Chip-Selects
for more information. The autovector function is disabled when there is an external bus
master. Refer to 5.6.6 External Bus Arbitration for more information.
5.5.2 Dynamic Bus Sizing
The MCU dynamically interprets the port size of an addressed device during each bus
cycle, allowing operand transfers to or from 8-bit and 16-bit ports.
During a bus transfer cycle, an external device signals its port size and indicates com-
pletion of the bus cycle to the MCU through the use of the DSACK inputs, as shown in
Table 5-15. Chip-select logic can generate data size acknowledge signals for an ex-
ternal device. Refer to 5.9 Chip-Selects for more information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com