Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 144Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 145Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 146Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 147Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 148Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 149Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 150Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 151Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-42
USER’S MANUAL
Figure 5-15 Breakpoint Operation Flowchart
5.6.4.2 LPSTOP Broadcast Cycle
Low-power stop mode is initiated by the CPU16. Individual modules can be stopped
by setting the STOP bits in each module configuration register. The SIM can turn off
system clocks after execution of the LPSTOP instruction. When the CPU16 executes
LPSTOP, the LPSTOP broadcast cycle is generated. The SIM brings the MCU out of
low-power mode when either an interrupt of higher priority than the interrupt mask lev-
el in the CPU16 condition code register or a reset occurs. Refer to 5.3.4 Low-Power
Operation and SECTION 4 CENTRAL PROCESSOR UNIT for more information.
During an LPSTOP broadcast cycle, the CPU16 performs a CPU space write to ad-
dress $3FFFE. This write puts a copy of the interrupt mask value in the clock control
logic. The mask is encoded on the data bus as shown in Figure 5-16.
The LPSTOP CPU space cycle is shown externally (if the bus is available) as an indi-
cation to external devices that the MCU is going into low-power stop mode. The SIM
provides an internally generated DSACK response to this cycle. The timing of this bus
cycle is the same as for a fast termination write cycle. If the bus is not available (arbi-
trated away), the LPSTOP broadcast cycle is not shown externally.
NOTE
BERR during the LPSTOP broadcast cycle is ignored.
1) SET R/W TO READ
2) SET FUNCTION CODE TO CPU SPACE
3) PLACE CPU SPACE TYPE 0 ON ADDR[19:16]
4) PLACE ALL ONES ON ADDR[4:2]
5) SET ADDR1 TO ONE
6) SET SIZE TO WORD
7) ASSERT AS AND DS
ACKNOWLEDGE BREAKPOINT
INITIATE HARDWARE BREAKPOINT PROCESSING
NEGATE DSACK or BERR
BREAKPOINT OPERATION FLOW
CPU16
PERIPHERAL
ASSERT DSACK OR BERR TO INITIATE EXCEPTION PROCESSING
CPU16 BREAKPOINT OPERATION FLOW
NEGATE AS or DS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com