Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 155Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 156Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 157Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 158Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 159Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 160Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 161Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-53
5.7.5 Pin State During Reset
It is important to keep the distinction between pin function and pin electrical state clear.
Although control register values and mode select inputs determine pin function, a pin
driver can be active, inactive or in high-impedance state while reset occurs. During
power-on reset, pin state is subject to the constraints discussed in 5.7.7 Power-On
Reset.
Table 5-20 Module Pin Functions
Module1
NOTES:
1. Module port pins may be in an indeterminate state for up to 15 milliseconds at
power-up.
Pin Mnemonic
Function
ADC
PADA[7:0]/AN[7:0]
Discrete input
VRH
Reference voltage
VRL
Reference voltage
CPU
DSI/IPIPE1
DSI/IPIPE1
DSO/IPIPE0
DSO/IPIPE0
BKPT/DSCLK
BKPT/DSCLK
GPT
PGP7/IC4/OC5
Discrete input
PGP[6:3]/OC[4:1]
Discrete input
PGP[2:0]/IC[3:1]
Discrete input
PAI
Discrete input
PCLK
Discrete input
PWMA, PWMB
Discrete output
QSM
PQS7/TXD
Discrete input
PQS[6:4]/PCS[3:1]
Discrete input
PQS3/PCS0/SS
Discrete input
PQS2/SCK
Discrete input
PQS1/MOSI
Discrete input
PQS0/MISO
Discrete input
RXD
RXD
MCCI
PMC7/TXDA
Discrete input
PMC6/RXDA
Discrete input
PMC5/TXDB
Discrete input
PMC4/RXDB
Discrete input
PMC3/SS
Discrete input
PMC2/SCK
Discrete input
PMC1/MOSI
Discrete input
PMC0/MISO
Discrete input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com