Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 172Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 173Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 174Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 175Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 176Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 177Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 178Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 179Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-70
USER’S MANUAL
However, the internal pull-up driver can be overcome by bus loading effects. To en-
sure a particular configuration out of reset, use an active device to put DATA0 in a
known state during reset.
The base address field in the boot chip-select base address register CSBARBT has a
reset value of all zeros, so that when the initial access to address $000000 is made,
an address match occurs, and the CSBOOT signal is asserted. The block size field in
CSBARBT has a reset value of 512 Kbytes. Table 5-26 shows CSBOOT reset values.
5.10 Parallel Input/Output Ports
Sixteen SIM pins can be configured for general-purpose discrete input and output. Al-
though these pins are organized into two ports, port E and port F, function assignment
is by individual pin. PE3 is not connected to a pin. PE3 returns zero when read and
writes have no effect. Pin assignment registers, data direction registers, and data reg-
isters are used to implement discrete I/O.
5.10.1 Pin Assignment Registers
Bits in the port E and port F pin assignment registers (PEPAR and PFPAR) control the
functions of the pins on each port. Any bit set to one defines the corresponding pin as
a bus control signal. Any bit cleared to zero defines the corresponding pin as an I/O
pin. PEPA3 returns one when read, and writes have no effect.
5.10.2 Data Direction Registers
Bits in the port E and port F data direction registers (DDRE and DDRF) control the di-
rection of the pin drivers when the pins are configured as I/O. Any bit in a register set
to one configures the corresponding pin as an output. Any bit in a register cleared to
zero configures the corresponding pin as an input. These registers can be read or writ-
ten at any time. DDE3 returns zero when read. Writes have no effect.
Table 5-26 CSBOOT Base and Option Register Reset Values
Fields
Reset Values
Base address
$000000
Block size
512 Kbyte
Async/sync mode
Asynchronous mode
Upper/lower byte
Both bytes
Read/write
Read/write
AS/DS
AS
DSACK
13 wait states
Address space
Supervisor space
IPL1
NOTES:
1. These fields are not used unless “Address space” is
set to CPU space.
Any level
Autovector
Interrupt vector externally
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com