Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 227 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 227 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 223Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 224Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 225Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 226Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 227Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 228Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 229Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 230Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 231Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 500 page
background image
M68HC16 Z SERIES
QUEUED SERIAL MODULE
USER’S MANUAL
9-17
Data transfer is synchronized with the internally-generated serial clock SCK. Control
bits, CPHA and CPOL, in SPCR0, control clock phase and polarity. Combinations of
CPHA and CPOL determine upon which SCK edge to drive outgoing data from the
MOSI pin and to latch incoming data from the MISO pin.
Baud rate is selected by writing a value from two to 255 into SPBR[7:0] in SPCR0. The
QSPI uses a modulus counter to derive the SCK baud rate from the MCU system
clock.
The following expressions apply to the SCK baud rate:
or
Giving SPBR[7:0] a value of zero or one disables the baud rate generator and SCK
assumes its inactive state.
The DSCK bit in each command RAM byte inserts either a standard (DSCK = 0) or
user-specified (DSCK = 1) delay from chip-select assertion until the leading edge of
the serial clock. The DSCKL field in SPCR1 determines the length of the user-defined
delay before the assertion of SCK. The following expression determines the actual de-
lay before SCK:
where DSCKL[6:0] equals {1, 2, 3,..., 127}.
When DSCK equals zero, DSCKL[6:0] is not used. Instead, the PCS valid-to-SCK
transition is one-half the SCK period.
There are two transfer length options. The user can choose a default value of eight
bits, or a programmed value from eight to sixteen bits, inclusive. The programmed val-
ue must be written into BITS[3:0] in SPCR0. The BITSE bit in each command RAM
byte determines whether the default value (BITSE = 0) or the BITS[3:0] value (BITSE
= 1) is used. Table 9-3 shows BITS[3:0] encoding.
SCK Baud Rate
f
sys
2
SPBR[7:0]
×
-------------------------------------
=
SPBR[7:0]
f
sys
2
SCK Baud Rate Desired
×
--------------------------------------------------------------------------
=
PCS to SCK Delay
DSCKL[6:0]
f
sys
-------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com