Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 500 page
background image
CENTRAL PROCESSOR UNIT
M68HC16 Z SERIES
4-8
USER’S MANUAL
Figure 4-3 Data Types and Memory Organization
4.6 Addressing Modes
The CPU16 uses nine types of addressing. There are one or more addressing modes
within each type. Table 4-1 shows the addressing modes.
Address
Type
$0000
BIT
15
BIT
14
BIT
13
BIT
12
BIT
11
BIT
10
BIT
9
BIT
8
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0
$0002
BYTE0
BYTE1
$0004
±
X OFFSET
±
Y OFFSET
±
X OFFSET
±
Y OFFSET
$0006
BCD1
BCD0
BCD1
BCD0
$0008
WORD 0
$000A
WORD 1
$000C
MSW LONG WORD 0
$000E
LSW LONG WORD 0
$0010
MSW LONG WORD 1
$0012
LSW LONG WORD 1
$0014
±⇐ (Radix Point)
16-BIT SIGNED FRACTION 0
$0016
±⇐ (Radix Point)
16-BIT SIGNED FRACTION 1
$0018
±⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION 0
$001A
LSW 32-BIT SIGNED FRACTION 0
0
$001C
±⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION 1
$001E
LSW 32-BIT SIGNED FRACTION 1
0
MAC Data Types
35
32
31
16
±
««««
⇐ (Radix Point)
MSW 32-BIT SIGNED FRACTION
15
0
LSW 32-BIT SIGNED FRACTION
±⇐ (Radix Point)
16-BIT SIGNED FRACTION
Address Data Type
19
16 15
0
4-Bit Address Extension
16-Bit Byte Address
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com