Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 22Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 23Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 24Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 25Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 26Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 27Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Table
Title
Page
LIST OF TABLES
D-3
Show Cycle Enable Bits ..................................................................................D-6
D-4
Port E Pin Assignments.................................................................................D-10
D-5
Port F Pin Assignments .................................................................................D-11
D-6
Software Watchdog Divide Ratio...................................................................D-12
D-7
Bus Monitor Time-Out Period ........................................................................D-13
D-8
Pin Assignment Field Encoding.....................................................................D-16
D-9
CSPAR0 Pin Assignments ............................................................................D-16
D-10
CSPAR1 Pin Assignments ............................................................................D-17
D-11
Reset Pin Function of CS[10:6] .....................................................................D-17
D-12
Block Size Field Bit Encoding........................................................................D-18
D-13
BYTE Field Bit Encoding ...............................................................................D-19
D-14
Read/Write Field Bit Encoding ......................................................................D-19
D-15
DSACK Field Encoding .................................................................................D-20
D-16
Memory Access Times at 16.78, 20.97, and 25.17 MHz...............................D-20
D-17
Address Space Bit Encodings .......................................................................D-21
D-18
Interrupt Priority Level Field Encoding ..........................................................D-21
D-19
SRAM Address Map ......................................................................................D-23
D-20
SRAM Array Address Space Type ................................................................D-23
D-21
MRM Address Map........................................................................................D-25
D-22
ROM Array Space Field ................................................................................D-26
D-23
Wait States Field ...........................................................................................D-26
D-24
ADC Module Address Map ............................................................................D-29
D-25
Freeze Encoding ...........................................................................................D-30
D-26
Sample Time Selection .................................................................................D-31
D-27
Prescaler Output ...........................................................................................D-32
D-28
ADC Conversion Mode..................................................................................D-33
D-29
Single-Channel Conversions (MULT = 0)......................................................D-34
D-30
Multiple-Channel Conversions (MULT = 1) ...................................................D-35
D-31
QSM Address Map ........................................................................................D-38
D-32
Examples of SCI Baud Rates ........................................................................D-41
D-33
PQSPAR Pin Assignments............................................................................D-45
D-34
Effect of DDRQS on QSM Pin Function ........................................................D-46
D-35
Bits Per Transfer ...........................................................................................D-47
D-36
Examples of SCK Frequencies .....................................................................D-48
D-37
MCCI Address Map .......................................................................................D-54
D-38
Interrupt Vector Sources ...............................................................................D-56
D-39
MPAR Pin Assignments ................................................................................D-57
D-40
Effect of MDDR on MCCI Pin Function .........................................................D-58
D-41
Examples of SCI Baud Rates ........................................................................D-60
D-42
GPT Address Map .........................................................................................D-67
D-43
GPT Interrupt Sources ..................................................................................D-69
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com