Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 24Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 25Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 26Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 27Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 28Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 29Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 500 page
background image
INTRODUCTION
M68HC16 Z SERIES
1-2
USER’S MANUAL
System hardware and software allow changes in clock rate during operation. Because
the MCUs are a fully static design, register and memory contents are not affected by
clock rate changes.
High-density complementary metal-oxide semiconductor (HCMOS) architecture
makes the basic power consumption low. Power consumption can be minimized by
stopping the system clocks. The M68HC16 instruction set includes a low-power stop
(LPSTOP) command that efficiently implements this capability. Individual stop bits in
each module allow for selective power reduction.
Documentation for the Modular Microcontroller Family follows the modular construc-
tion of the devices in the product line. Each device has a comprehensive user’s man-
ual that provides sufficient information for normal operation of the device. The user’s
manual is supplemented by module reference manuals that provide detailed informa-
tion about module operation and applications. Refer to Freescale publication
Advanced
Microcontroller Unit (AMCU) Literature (BR1116/D) for a complete list of documenta-
tion to supplement this manual.
Table 1-2 Z-Series MCU Reference Frequencies
MCU
Nominal Reference Frequency1
NOTES:
1. The nominal slow reference frequency is 32.768 kHz, but can range from
20 to 50 kHz. The nominal fast reference frequency is 4.194 MHz, but can
range from 1MHz to 6.25 MHz.
Slow
(32.768 kHz)
Fast
(4.194 MHz)
MC68HC16Z1
X
—
MC68CM16Z1
—X
MC68CK16Z1
X
—
MC68HC16Z2
—
X
MC68HC16Z3
—
X
MC68HC16Z4
X
—
MC68CK16Z4
X
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com