Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-36
USER’S MANUAL
4.11 Execution Process
Fetched opcodes are latched into stage A, then advanced to stage B. Opcodes are
evaluated in stage B. The execution unit can access operands in either stage A or
stage B (stage B accesses are limited to 8-bit operands). When execution is complete,
opcodes are moved from stage B to stage C, where they remain until the next instruc-
tion is complete.
A prefetch mechanism in the microsequencer reads instruction words from memory
and increments the program counter. When instruction execution begins, the program
counter points to an address six bytes after the address of the first word of the instruc-
tion being executed.
The number of machine cycles necessary to complete an execution sequence varies
according to the complexity of the instruction. Refer to the
CPU16 Reference Manual
(CPU16RM/AD) for details.
4.11.1 Changes in Program Flow
When program flow changes, instructions are fetched from a new address. Before ex-
ecution can begin at the new address, instructions and operands from the previous in-
struction stream must be removed from the pipeline. If a change in flow is temporary,
a return address must be stored, so that execution of the original instruction stream
can resume after the change in flow.
When an instruction that causes a change in program flow executes, PK : PC point to
the address of the first word of the instruction + $0006. During execution of the instruc-
tion, PK : PC is loaded with the address of the first instruction word in the new instruc-
tion stream. However, stages A and B still contain words from the old instruction
stream. Extra processing steps must be performed before execution from the new in-
struction stream.
4.12 Instruction Timing
The execution time of CPU16 instructions has three components:
• Bus cycles required to prefetch the next instruction
• Bus cycles required for operand accesses
• Time required for internal operations
A bus cycle requires a minimum of two system clock periods. If the access time of a
memory device is greater than two clock periods, bus cycles are longer. However, all
bus cycles must be an integer number of clock periods. CPU16 internal operations are
always an integer multiple of two clock periods.
Dynamic bus sizing affects bus cycle time. The integration module manages all ac-
cesses. Refer to SECTION 5 SYSTEM INTEGRATION MODULE for more informa-
tion.
The CPU16 does not execute more than one instruction at a time. The total time re-
quired to execute a particular instruction stream can be calculated by summing the in-
dividual execution times of each instruction in the stream.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com