Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-25
RORW
Rotate Right Word
IND16, X
IND16, Y
IND16, Z
EXT
270E
271E
272E
273E
gggg
gggg
gggg
hh ll
8
8
8
8
——
—
—
∆∆∆∆
RTI
3
Return from Interrupt
(SK
: SP) + 2 ⇒ SK : SP
Pull CCR
(SK
: SP) + 2 ⇒ SK : SP
Pull PC
(PK
: PC) − 6 ⇒ PK : PC
INH
2777
—
12
∆
∆
∆
∆
∆∆∆∆
RTS
4
Return from Subrou-
tine
(SK : SP) + 2
⇒ SK : SP
Pull PK
(SK : SP) + 2
⇒ SK : SP
Pull PC
(PK : PC)
− 2 ⇒ PK : PC
INH
27F7
—
12
—
—
—
—
————
SBA
Subtract B from A
(A)
− (B) ⇒ A
INH
370A
—
2
—
—
—
—
∆∆∆∆
SBCA
Subtract with Carry
from A
(A)
− (M) − C ⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
42
52
62
72
1742
1752
1762
1772
2742
2752
2762
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆∆∆
SBCB
Subtract with Carry
from B
(B)
− (M) − C ⇒ B
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
C2
D2
E2
F2
17C2
17D2
17E2
17F2
27C2
27D2
27E2
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆∆∆
SBCD
Subtract with Carry
from D
(D)
− (M : M + 1) − C ⇒ D
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
82
92
A2
37B2
37C2
37D2
37E2
37F2
2782
2792
27A2
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
4
6
6
6
6
6
6
6
——
—
—
∆∆∆∆
SBCE
Subtract with Carry
from E
(E)
− (M : M + 1) − C ⇒ E
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3732
3742
3752
3762
3772
jj kk
gggg
gggg
gggg
hh ll
4
6
6
6
6
——
—
—
∆∆∆∆
SDE
Subtract D from E
(E)
− (D)⇒ E
INH
2779
—
2
—
—
—
—
∆∆∆∆
STAA
Store A
(A)
⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
4A
5A
6A
174A
175A
176A
177A
274A
275A
276A
ff
ff
ff
gggg
gggg
gggg
hh ll
—
—
—
4
4
4
6
6
6
6
4
4
4
——
—
—
∆∆
0—
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com