Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-18
USER’S MANUAL
CPD
Compare D to Memory
(D)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
88
98
A8
37B8
37C8
37D8
37E8
37F8
2788
2798
27A8
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
4
6
6
6
6
6
6
6
——
—
—
∆∆∆∆
CPE
Compare E to Memory
(E)
− (M : M + 1)
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
3738
3748
3758
3768
3778
jjkk
gggg
gggg
gggg
hhll
4
6
6
6
6
——
—
—
∆∆∆∆
CPS
Compare Stack
Pointer to Memory
(SP)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4F
5F
6F
377F
174F
175F
176F
177F
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
—
—
∆∆∆∆
CPX
Compare IX to
Memory
(IX)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4C
5C
6C
377C
174C
175C
176C
177C
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
—
—
∆∆∆∆
CPY
Compare IY to
Memory
(IY)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4D
5D
6D
377D
174D
175D
176D
177D
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
—
—
∆∆∆∆
CPZ
Compare IZ to
Memory
(IZ)
− (M : M + 1)
IND8, X
IND8, Y
IND8, Z
IMM16
IND16, X
IND16, Y
IND16, Z
EXT
4E
5E
6E
377E
174E
175E
176E
177E
ff
ff
ff
jj kk
gggg
gggg
gggg
hh ll
6
6
6
4
6
6
6
6
——
—
—
DAA
Decimal Adjust A
(A)10
INH
3721
—
2
—
—
—
—
∆∆ U ∆
DEC
Decrement Memory
(M)
− $01 ⇒ M
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
01
11
21
1701
1711
1721
1731
ff
ff
ff
gggg
gggg
gggg
hh ll
8
8
8
8
8
8
8
——
—
—
∆∆∆ —
DECA
Decrement A
(A)
− $01 ⇒ A
INH
3701
—
2
—
—
—
—
∆∆∆ —
DECB
Decrement B
(B)
− $01 ⇒ B
INH
3711
—
2
—
—
—
—
∆∆∆ —
DECW
Decrement Memory
Word
(M : M + 1)
− $0001
⇒ M : M + 1
IND16, X
IND16, Y
IND16, Z
EXT
2701
2711
2721
2731
gggg
gggg
gggg
hh ll
8
8
8
8
——
—
—
∆∆∆ —
EDIV
Extended Unsigned
Integer Divide
(E : D)
/ (IX)
Quotient
⇒ IX
Remainder
⇒ D
INH
3728
—
24
—
—
—
—
∆∆∆∆
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com