Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 46Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 47Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 48Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 500 page
background image
OVERVIEW
M68HC16 Z SERIES
3-16
USER’S MANUAL
3.6 Internal Register Map
In Figures 3-8, 3-9, and 3-10, IMB ADDR[23:20] are represented by the letter Y. The
value represented by Y determines the base address of MCU module control regis-
ters. Y is equal to M111, where M is the logic state of the module mapping (MM) bit in
the system integration module configuration register (SIMCR). Since the CPU16 uses
only ADDR[19:0], and ADDR[23:20] follow the logic state of ADDR19 when CPU driv-
en, the CPU cannot access IMB addresses from $080000 to $F7FFFF. In order for the
MCU to function correctly, MM must be set (Y must equal $F). If M is cleared, internal
registers are mapped to base address $700000, and are inaccessible until a reset oc-
curs. The SRAM array is positioned by a base address register in the SRAM CTRL
block. Unimplemented blocks are mapped externally.
PF[7:0]
Port F
Port F digital I/O port signals
PGP[7:0]
Port GP
GPT digital I/O port signals
PQS[7:0]
Port QS
QSM digital I/O port signals
PWMA, PWMB
Pulse Width Modulation
Output for PWM
QUOT
Quotient Out
Provides the quotient bit of the polynomial divider
R/W
Read/Write
Indicates the direction of data transfer on the bus
RESET
Reset
System reset
RXD
Receive Data (SCI)
Serial input to the SCI
RXDA1
SCI A Receive Data
Serial input from SCI A
RXDB1
SCI B Receive Data
Serial input from SCI B
SCK
Serial Clock (QSPI)
Clock output from QSPI in master mode; clock input to QSPI in
slave mode
SCK1
Serial Clock (SPI)
Clock output from SPI in master mode; clock input to SPI in
slave mode
SIZ[1:0]
Size
Indicates the number of bytes to be transferred during a bus
cycle
SS
Slave Select (QSPI)
Causes serial transmission when QSPI is in slave mode;
causes mode fault in master mode
SS1
Slave Select (SPI)
Causes serial transmission when the SPI is in slave mode;
causes mode fault in master mode
TSC
Three-State Control
Places all output drivers in a high-impedance state
TXD
SCI Transmit Data
Serial output from the SCI
TXDA1
SCI A Transmit Data
Serial output from SCI A
TXDB1
SCI B Transmit Data
Serial output from SCI B
XFC
External Filter Capacitor
Connection for external phase-locked loop filter capacitor
NOTES:
1. MCCI signals present only in MC68HC16Z4/CK16Z4.
Table 3-5 M68HC16 Z-Series Signal Function (Continued)
Mnemonic
Signal Name
Function
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com