Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 49Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 500 page
background image
M68HC16 Z SERIES
OVERVIEW
USER’S MANUAL
3-19
3.7 Address Space Maps
Figures 3-11 through 3-16 show CPU16 address space for M68HC16 Z-series MCUs.
Address space can be split into physically distinct program and data spaces by decod-
ing the MCU function code outputs.
Figures 3-11, 3-12, and 3-13 show the memory map of a system that has combined
program and data spaces. Figures 3-14, 3-15, and 3-16 show the memory map when
MCU function code outputs are decoded.
Reset and exception vectors are mapped into bank 0 and cannot be relocated. The
CPU16 program counter, stack pointer, and Z index register can be initialized to any
address in pseudolinear memory, but exception vectors are limited to 16-bit address-
es. To access locations outside of bank 0 during exception handler routines (including
interrupt exceptions), a jump table must be used. Refer to SECTION 4 CENTRAL
PROCESSOR UNIT for more information concerning memory management, extend-
ed addressing, and exception processing. Refer to SECTION 5 SYSTEM INTEGRA-
TION MODULE for more information concerning function codes, address space types,
resets, and interrupts.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com