Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-20
USER’S MANUAL
JMP
Jump
〈ea〉⇒ PK : PC
EXT20
IND20, X
IND20, Y
IND20, Z
7A
4B
5B
6B
zb hh ll
zg gggg
zg gggg
zg gggg
6
8
8
8
—
—
—
—
————
JSR
Jump to Subroutine
Push (PC)
(SK
: SP) − $0002 ⇒ SK : SP
Push (CCR)
(SK
: SP) − $0002 ⇒ SK : SP
〈ea〉⇒ PK : PC
EXT20
IND20, X
IND20, Y
IND20, Z
FA
89
99
A9
zb hh ll
zg gggg
zg gggg
zg gggg
10
12
12
12
—
—
—
—
————
LBCC2
Long Branch if Carry
Clear
If C = 0, branch
REL16
3784
rrrr
6, 4
—
—
—
—
————
LBCS2
Long Branch if Carry
Set
If C = 1, branch
REL16
3785
rrrr
6, 4
—
—
—
—
————
LBEQ2
Long Branch if Equal
to Zero
If Z = 1, branch
REL16
3787
rrrr
6, 4
—
—
—
—
————
LBEV2
Long Branch if EV Set
If EV = 1, branch
REL16
3791
rrrr
6, 4
—
—
—
—
————
LBGE2
Long Branch if Greater
Than or Equal to Zero
If N
⊕ V = 0, branch
REL16
378C
rrrr
6, 4
—
—
—
—
————
LBGT2
Long Branch if Greater
Than Zero
If Z ' (N
⊕ V) = 0, branch
REL16
378E
rrrr
6, 4
—
—
—
—
————
LBHI 2
Long Branch if Higher
If C ' Z = 0, branch
REL16
3782
rrrr
6, 4
—
—
—
—
————
LBLE2
Long Branch if Less
Than or Equal to Zero
If Z ' (N
⊕ V) = 1, branch
REL16
378F
rrrr
6, 4
—
—
—
—
————
LBLS2
Long Branch if Lower
or Same
If C ' Z = 1, branch
REL16
3783
rrrr
6, 4
—
—
—
—
————
LBLT2
Long Branch if Less
Than Zero
If N
⊕ V = 1, branch
REL16
378D
rrrr
6, 4
—
—
—
—
————
LBMI2
Long Branch if Minus
If N = 1, branch
REL16
378B
rrrr
6, 4
—
—
—
—
————
LBMV2
Long Branch if MV Set
If MV = 1, branch
REL16
3790
rrrr
6, 4
—
—
—
—
————
LBNE2
Long Branch if Not
Equal to Zero
If Z
= 0, branch
REL16
3786
rrrr
6, 4
—
—
—
—
————
LBPL2
Long Branch if Plus
If N = 0, branch
REL16
378A
rrrr
6, 4
—
—
—
—
————
LBRA
Long Branch Always
If 1 = 1, branch
REL16
3780
rrrr
6
—
—
—
—
————
LBRN
Long Branch Never
If 1 = 0, branch
REL16
3781
rrrr
6
—
—
—
—
————
LBSR
Long Branch to
Subroutine
Push (PC)
(SK : SP)
− 2 ⇒ SK : SP
Push (CCR)
(SK : SP)
− 2 ⇒ SK : SP
(PK : PC) + Offset
⇒
PK : PC
REL16
27F9
rrrr
10
—
—
—
—
————
LBVC2
Long Branch if
Overflow Clear
If V = 0, branch
REL16
3788
rrrr
6, 4
—
—
—
—
————
LBVS2
Long Branch if
Overflow Set
If V = 1, branch
REL16
3789
rrrr
6, 4
—
—
—
—
————
LDAA
Load A
(M)
⇒ A
IND8, X
IND8, Y
IND8, Z
IMM8
IND16, X
IND16, Y
IND16, Z
EXT
E, X
E, Y
E, Z
45
55
65
75
1745
1755
1765
1775
2745
2755
2765
ff
ff
ff
ii
gggg
gggg
gggg
hh ll
—
—
—
6
6
6
2
6
6
6
6
6
6
6
——
—
—
∆∆
0—
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com