Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 500 page
background image
OVERVIEW
M68HC16 Z SERIES
3-4
USER’S MANUAL
Figure 3-1 MC68HC16Z1/CK16Z1/CM16Z1 Block Diagram
CSBOOT
SIZ1
SIZ0
AS
DS
PE3
SIZ1/PE7
SIZ0/PE6
AS/PE5
DS/PE4
AVEC/PE2
DSACK1/PE1
DSACK0/PE0
ADDR22/CS9/PC6
ADDR21/CS8/PC5
ADDR20/CS7/PC4
BR
BG
R/W
RESET
HALT
BERR
DATA[15:0]
ADDR[23:19]
TEST
EBI
ADDR19/CS6/PC3
FC2/CS5/PC2
FC1/CS4/PC1
FC0/CS3/PC0
ADDR23/CS10/ECLK
CS[10:0]
FC2
FC1
FC0
VSTBY
CHIP
SELECT
CLOCK
BGACK
AVEC
DSACK1
DSACK0
IRQ6/PF6
MODCLK/PF0
IRQ7/PF7
IRQ5/PF5
IRQ4/PF4
IRQ3/PF3
IRQ2/PF2
IRQ1/PF1
TSC
QUOT
TSC
FREEZE/QUOT
FREEZE
BKPT/DSCLK
IPIPE1/DSI
IPIPE0/DSO
BKPT
IPIPE0
IPIPE1
DSI
DSO
DSCLK
VDDA
VSSA
VRH
VRL
PWMA
PWMB
PCLK
PAI
OC2/OC1/PGP4
OC1/PGP3
IC4/OC5/OC1/PGP7
OC4/OC1/PGP6
OC3/OC1/PGP5
IC3/PGP2
IC2/PGP1
IC1/PGP0
GPT
QSM
CPU16
SIM
IC4/OC5/OC1
TXD
PCS3
PCS2
PCS1
PCS0
SCK
MOSI
MISO
TXD/PQS7
PCS3/PQS6
PCS2/PQS5
PCS1/PQS4
PCS0/SS/PQS3
SCK/PQS2
MOSI/PQS1
MISO/PQS0
AN7/PADA7
EXTAL
XFC
VDDSYN
XTAL
CLKOUT
MODCLK
ADDR[18:0]
IMB
AN6/PADA6
AN5/PADA5
AN4/PADA4
AN3/PADA3
AN2/PADA2
AN1/PADA1
AN0/PADA0
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
IRQ[7:1]
VSS
VDD
OC4/OC1
OC3/OC1
OC2/OC1
OC1
IC3
IC2
IC1
RXD
HC16Z1/CKZ1/CMZ1 BLOCK
BGACK/CS2
BG/CS1
BR/CS0
SRAM
1K
ADC
ECLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com