Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-28
USER’S MANUAL
TMET
Transfer Truncated
AM to E
If (SM
• (EV ' MV))
then Saturation Value
⇒ E
else AM[31:16]
⇒ E
INH
27B5
—
2
—
—
—
—
∆∆ ——
TMXED
Transfer AM to
IX : E : D
AM[35:32]
⇒ IX[3:0]
AM35
⇒ IX[15:4]
AM[31:16]
⇒ E
AM[15:0]
⇒ D
INH
27B3
—
6
—
—
—
—
————
TPA
Transfer CCR to A
(CCR[15:8])
⇒ A
INH
37FC
—
2
—
—
—
—
————
TPD
Transfer CCR to D
(CCR)
⇒ D
INH
372C
—
2
—
—
—
—
————
TSKB
Transfer SK to B
(SK)
⇒ B[3:0]
$0
⇒ B[7:4]
INH
37AF
—
2
—
—
—
—
————
TST
Test Byte
Zero or Minus
(M)
− $00
IND8, X
IND8, Y
IND8, Z
IND16, X
IND16, Y
IND16, Z
EXT
06
16
26
1706
1716
1726
1736
ff
ff
ff
gggg
gggg
gggg
hh ll
6
6
6
6
6
6
6
——
—
—
∆∆
00
TSTA
Test A for
Zero or Minus
(A)
− $00
INH
3706
—
2
—
—
—
—
∆∆
00
TSTB
Test B for
Zero or Minus
(B)
− $00
INH
3716
—
2
—
—
—
—
∆∆
00
TSTD
Test D for
Zero or Minus
(D)
− $0000
INH
27F6
—
2
—
—
—
—
∆∆
00
TSTE
Test E for
Zero or Minus
(E)
− $0000
INH
2776
—
2
—
—
—
—
∆∆
00
TSTW
Test for
Zero or Minus Word
(M
: M + 1) − $0000
IND16, X
IND16, Y
IND16, Z
EXT
2706
2716
2726
2736
gggg
gggg
gggg
hh ll
6
6
6
6
——
—
—
∆∆
00
TSX
Transfer SP to X
(SK
: SP) + $0002 ⇒ XK : IX
INH
274F
—
2
—
—
—
—
————
TSY
Transfer SP to Y
(SK
: SP) + $0002 ⇒ YK : IY
INH
275F
—
2
—
—
—
—
————
TSZ
Transfer SP to Z
(SK
: SP) + $0002 ⇒ ZK : IZ
INH
276F
—
2
—
—
—
—
————
TXKB
Transfer XK to B
(XK)
⇒ B[3:0]
$0
⇒ B[7:4]
INH
37AC
—
2
—
—
—
—
————
TXS
Transfer X to SP
(XK : IX)
− $0002 ⇒ SK : SP
INH
374E
—
2
—
—
—
—
————
TXY
Transfer X to Y
(XK
: IX) ⇒ YK : IY
INH
275C
—
2
—
—
—
—
————
TXZ
Transfer X to Z
(XK
: IX) ⇒ ZK : IZ
INH
276C
—
2
—
—
—
—
————
TYKB
Transfer YK to B
(YK)
⇒ B[3:0]
$0
⇒ B[7:4]
INH
37AD
—
2
—
—
—
—
————
TYS
Transfer Y to SP
(YK : IY)
− $0002 ⇒ SK : SP
INH
375E
—
2
—
—
—
—
————
TYX
Transfer Y to X
(YK : IY)
⇒ XK : IX
INH
274D
—
2
—
—
—
—
————
TYZ
Transfer Y to Z
(YK : IY)
⇒ ZK : IZ
INH
276D
—
2
—
—
—
—
————
TZKB
Transfer ZK to B
(ZK)
⇒ B[3:0]
$0
⇒ B[7:4]
INH
37AE
—
2
—
—
—
—
————
TZS
Transfer Z to SP
(ZK : IZ)
− $0002 ⇒ SK : SP
INH
376E
—
2
—
—
—
—
————
TZX
Transfer Z to X
(ZK : IZ)
⇒ XK : IX
INH
274E
—
2
—
—
—
—
————
TZY
Transfer Z to Y
(ZK : IZ)
⇒ YK : IY
INH
275E
—
2
—
—
—
—
————
WAI
Wait for Interrupt
WAIT
INH
27F3
—
8
—
—
—
—
————
XGAB
Exchange A with B
(A)
⇔ (B)
INH
371A
—
2
—
—
—
—
————
XGDE
Exchange D with E
(D)
⇔ (E)
INH
277A
—
2
—
—
—
—
————
XGDX
Exchange D with IX
(D)
⇔ (IX)
INH
37CC
—
2
—
—
—
—
————
Table 4-2 Instruction Set Summary (Continued)
Mnemonic
Operation
Description
Address
Instruction
Condition Codes
Mode
Opcode
Operand
Cycles
S
MV
H
EV
N
Z
V
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com