Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-33
4.9 Instruction Format
CPU16 instructions consist of an 8-bit opcode that can be preceded by an 8-bit prebyte
and followed by one or more operands.
Opcodes are mapped in four 256-instruction pages. Page 0 opcodes stand alone.
Page 1, 2, and 3 opcodes are pointed to by a prebyte code on page 0. The prebytes
are $17 (page 1), $27 (page 2), and $37 (page 3).
Operands can be four bits, eight bits or sixteen bits in length. Since the CPU16 fetches
16-bit instruction words from even-byte boundaries, each instruction must contain an
even number of bytes.
Operands are organized as bytes, words, or a combination of bytes and words. Oper-
ands of four bits are either zero-extended to eight bits, or packed two to a byte. The
largest instructions are six bytes in length. Size, order, and function of operands are
evaluated when an instruction is decoded.
A page 0 opcode and an 8-bit operand can be fetched simultaneously. Instructions
that use 8-bit indexed, immediate, and relative addressing modes have this form.
Code written with these instructions is very compact.
Figure 4-4 shows basic CPU16 instruction formats.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com