Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 500 page
background image
CENTRAL PROCESSING UNIT
M68HC16 Z SERIES
4-38
USER’S MANUAL
4.13.2 Exception Stack Frame
During exception processing, the contents of the program counter and condition code
register are stacked at a location pointed to by SK : SP. Unless it is altered during ex-
ception processing, the stacked PK : PC value is the address of the next instruction in
the current instruction stream, plus $0006. Figure 4-6 shows the exception stack
frame.
Figure 4-6 Exception Stack Frame Format
Table 4-5 Exception Vector Table
Vector
Number
Vector
Address
Address
Space
Type of
Exception
0
0000
P
Reset — Initial ZK, SK, and PK
0002
P
Reset — Initial PC
0004
P
Reset — Initial SP
0006
P
Reset — Initial IZ (Direct Page)
4
0008
D
Breakpoint
5
000A
D
Bus Error
6
000C
D
Software Interrupt
7
000E
D
Illegal Instruction
8
0010
D
Division by Zero
9 – E
0012 – 001C
D
Unassigned, Reserved
F
001E
D
Uninitialized Interrupt
10
0020
D
Unassigned, Reserved
11
0022
D
Level 1 Interrupt Autovector
12
0024
D
Level 2 Interrupt Autovector
13
0026
D
Level 3 Interrupt Autovector
14
0028
D
Level 4 Interrupt Autovector
15
002A
D
Level 5 Interrupt Autovector
16
002C
D
Level 6 Interrupt Autovector
17
002E
D
Level 7 Interrupt Autovector
18
0030
D
Spurious Interrupt
19 – 37
0032 – 006E
D
Unassigned, Reserved
38 – FF
0070 – 01FE
D
User-Defined Interrupts
Low Address
⇐ SP After Exception Stacking
Condition Code Register
High Address
Program Counter
⇐ SP Before Exception Stacking
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com