Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 98Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 99Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 100Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 101Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 102Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 103Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 104Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSING UNIT
USER’S MANUAL
4-41
4.14.1.1 IPIPE0/IPIPE1 Multiplexing
Six types of information are required to track pipeline activity. To generate the six state
signals, eight pipeline states are encoded and multiplexed into IPIPE0 and IPIPE1.
The multiplexed signals have two phases. State signals are active low. Table 4-6
shows the encoding scheme.
IPIPE0 and IPIPE1 are timed so that a logic analyzer can capture all six pipeline state
signals and address, data, or control bus state in any single bus cycle. Refer to AP-
PENDIX A ELECTRICAL CHARACTERISTICS for specifications.
State signals can be latched asynchronously on the falling and rising edges of either
address strobe (AS) or data strobe (DS). They can also be latched synchronously us-
ing the microcontroller CLKOUT signal. Refer to the
CPU16 Reference Manual
(CPU16RM/AD) for more information on the CLKOUT signal, state signals, and state
signal demux logic.
4.14.1.2 Combining Opcode Tracking with Other Capabilities
Pipeline state signals are useful during normal instruction execution and execution of
exception handlers. The signals provide a complete model of the pipeline up to the
point a breakpoint is acknowledged.
Breakpoints are acknowledged after an instruction has executed, when it is in pipeline
stage C. A breakpoint can initiate either exception processing or background debug
mode. IPIPE0/IPIPE1 are not usable when the CPU16 is in background debug mode.
4.14.2 Breakpoints
Breakpoints are set by assertion of the microcontroller BKPT pin. The CPU16 supports
breakpoints on any memory access. Acknowledged breakpoints can initiate either ex-
ception processing or background debug mode. After BDM has been enabled, the
CPU16 will enter BDM when the BKPT input is asserted.
•If BKPT assertion is synchronized with an instruction prefetch, the instruction is
tagged with the breakpoint when it enters the pipeline, and the breakpoint occurs
after the instruction executes.
•If BKPT assertion is synchronized with an operand fetch, breakpoint processing
occurs at the end of the instruction during which BKPT is latched.
Table 4-6 IPIPE0/IPIPE1 Encoding
Phase
IPIPE1 State
IPIPE0 State
State Signal Name
1
0
0
1
1
0
1
0
1
START and FETCH
FETCH
START
NULL
2
0
0
1
1
0
1
0
1
INVALID
ADVANCE
EXCEPTION
NULL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com