Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 27Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 28Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 29Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 500 page
background image
M68HC16 Z SERIES
NOMENCLATURE
USER’S MANUAL
2-3
2.3 Register Mnemonics
Mnemonic
Register
ADCMCR
ADC Module Configuration Register
ADCTEST
ADC Test Register
ADCTL[0:1]
ADC Control Registers [0:1]
ADCSTAT
ADC Status Register
CFORC
GPT Compare Force Register
CREG
SIM Test Module Control Register
CR[0:F]
QSM Command RAM [0:F]
CSBARBT
SIM Chip-Select Base Address Register Boot
CSBAR[0:10]
SIM Chip-Select Base Address Registers [0:10]
CSORBT
SIM Chip-Select Option Register Boot
CSOR[0:10]
SIM Chip-Select Option Registers [0:10]
CSPAR[0:1]
SIM Chip-Select Pin Assignment Registers [0:1]
DDRE
SIM Port E Data Direction Register
DDRF
SIM Port F Data Direction Register
DDRGP
GPT Port GP Data Direction Register
DDRM
MCCI Data Direction Register
DDRQS
QSM Port QS Data Direction Register
DREG
SIM Test Module Distributed Register
GPTMCR
GPT Module Configuration Register
GPTMTR
GPT Module Test Register
ICR
GPT Interrupt Configuration Register
ILSCI
MCCI SCI Interrupt Register
ILSPI
MCCI SPI Interrupt Register
LJSRR[0:7]
ADC Left-Justified Signed Result Registers [0:7]
LJURR[0:7]
ADC Left-Justified Unsigned Result Registers [0:7]
MIVR
MCCI Interrupt Vector Register
MMCR
MCCI Module Configuration Register
MPAR
MCCI Pin Assignment Register
MRMCR
Masked ROM Module Configuration Register
MTEST
MCCI Test Register
OC1D
GPT Output Compare 1 Action Data Register
OC1M
GPT Output Compare 1 Action Mask Register
PACNT
GPT Pulse Accumulator Counter Register
PACTL
GPT Pulse Accumulator Control Register
PEPAR
SIM Port E Pin Assignment Register
PFPAR
SIM Port F Pin Assignment Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com