Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 500 page
background image
M68HC16 Z SERIES
CENTRAL PROCESSOR UNIT
USER’S MANUAL
4-9
All modes generate ADDR[15:0]. This address is combined with ADDR[19:16] from an
operand or an extension field to form a 20-bit effective address.
NOTE
Access across 64-Kbyte address boundaries is transparent. AD-
DR[19:16] of the effective address are changed to make an access
across a bank boundary. Extension field values will not change as a
result of effective address computation.
4.6.1 Immediate Addressing Modes
In the immediate modes, an argument is contained in a byte or word immediately fol-
lowing the instruction. For IMM8 and IMM16 modes, the effective address is the ad-
dress of the argument.
There are three specialized forms of IMM8 addressing.
• The AIS, AIX, AIY, AIZ, ADDD, and ADDE instructions decrease execution time
by sign-extending the 8-bit immediate operand to 16 bits, then adding it to an ap-
propriate register.
• The MAC and RMAC instructions use an 8-bit immediate operand to specify two
signed 4-bit index register offsets.
• The PSHM and PULM instructions use an 8-bit immediate mask operand to indi-
cate which registers must be pushed to or pulled from the stack.
Table 4-1 Addressing Modes
Mode
Mnemonic
Description
Accumulator Offset
E,X
Index register X with accumulator E offset
E,Y
Index register Y with accumulator E offset
E,Z
Index register Z with accumulator E offset
Extended
EXT
Extended
EXT20
20-bit extended
Immediate
IMM8
8-bit immediate
IMM16
16-bit immediate
Indexed 8-Bit
IND8, X
Index register X with unsigned 8-bit offset
IND8, Y
Index register Y with unsigned 8-bit offset
IND8, Z
Index register Z with unsigned 8-bit offset
Indexed 16-Bit
IND16, X
Index register X with signed 16-bit offset
IND16, Y
Index register Y with signed 16-bit offset
IND16, Z
Index register Z with signed 16-bit offset
Indexed 20-Bit
IND20, X
Index register X with signed 20-bit offset
IND20, Y
Index register Y with signed 20-bit offset
IND20, Z
Index register Z with signed 20-bit offset
Inherent
INH
Inherent
Post-Modified Index
IXP
Signed 8-bit offset added to index register
X after effective address is used
Relative
REL8
8-bit relative
REL16
16-bit relative
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com