Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 236 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 236 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 232Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 233Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 234Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 235Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 236Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 237Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 238Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 239Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 240Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 500 page
background image
QUEUED SERIAL MODULE
M68HC16 Z SERIES
9-26
USER’S MANUAL
9.4.3.3 Baud Clock
The SCI baud rate is programmed by writing a 13-bit value to the SCBR field in SCI
control register 0 (SCCR0). The baud rate is derived from the MCU system clock by a
modulus counter. Writing a value of zero to SCBR[12:0] disables the baud rate gener-
ator. Baud rate is calculated as follows:
or
where SCBR[12:0] is in the range {1, 2, 3, ..., 8191}.
The SCI receiver operates asynchronously. An internal clock is necessary to synchro-
nize with an incoming data stream. The SCI baud rate generator produces a receive
time sampling clock with a frequency 16 times that of the SCI baud rate. The SCI de-
termines the position of bit boundaries from transitions within the received waveform,
and adjusts sampling points to the proper positions within the bit period.
9.4.3.4 Parity Checking
The PT bit in SCCR1 selects either even (PT = 0) or odd (PT = 1) parity. PT affects
received and transmitted data. The PE bit in SCCR1 determines whether parity check-
ing is enabled (PE = 1) or disabled (PE = 0). When PE is set, the MSB of data in a
frame is used for the parity function. For transmitted data, a parity bit is generated; for
received data, the parity bit is checked. When parity checking is enabled, the PF bit in
the SCI status register (SCSR) is set if a parity error is detected.
Enabling parity affects the number of data bits in a frame, which can in turn affect
frame size. Table 9-5 shows possible data and parity formats.
Table 9-4 Serial Frame Formats
10-Bit Frames
Start
Data
Parity/Control
Stop
17
—
2
1711
18
—
1
11-Bit Frames
Start
Data
Parity/Control
Stop
1712
1811
SCI Baud Rate
f
sys
32
SCBR[12:0]
×
--------------------------------------------
=
SCBR[12:0]
f
sys
32
SCI Baud Rate Desired
×
---------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com