Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 285 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 285 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 281Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 282Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 283Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 284Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 285Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 286Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 287Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 288Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-1
APPENDIX A
ELECTRICAL CHARACTERISTICS
Table A-1 Maximum Ratings
Num
Rating
Symbol
Value
Unit
1
Supply Voltage1, 2, 3
NOTES:
1. Permanent damage can occur if maximum ratings are exceeded. Exposure to voltages or
currents in excess of recommended values affects device reliability. Device modules may not
operate normally while being exposed to electrical extremes.
2. Although sections of the device contain circuitry to protect against damage from high static
voltages or electrical fields, take normal precautions to avoid exposure to voltages higher than
maximum-rated voltages.
3. This parameter is periodically sampled rather than 100% tested.
VDD
– 0.3 to +6.5
V
2
Input Voltage 1, 2, 3, 4, 5, 7
4. All pins except TSC.
5. Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive and negative clamp voltages,
then use the larger of the two values.
VIN
– 0.3 to +6.5
V
3
Instantaneous Maximum Current
Single Pin Limit (applies to all pins)1, 3, 5, 6
6. Power supply must maintain regulation within operating VDD range during instantaneous and
operating maximum current.
ID
25
mA
4
Operating Maximum Current
Digital Input Disruptive Current3, 5, 6, 7, 8
VNEGCLAMP ≈ –0.3 V
VPOSCLAMP ≈ VDD + 0.3 V
7. All functional non-supply pins are internally clamped to VSS. All functional pins except EXTAL,
TSC, and XFC are internally clamped to VDD.
8. Total input current for all digital input-only and all digital input/output pins must not exceed 10
mA. Exceeding this limit can cause disruption of normal operation.
IiD
– 500 to +500
µA
5
Operating Temperature Range
“C” Suffix
“V” Suffix
“M” Suffix
TA
TL to TH
– 40 to +85
– 40 to +105
– 40 to +125
°C
6
Storage Temperature Range
T
stg
– 55 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com