Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 381Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 382Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 383Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 384Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 385Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 386Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 387Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 388Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 500 page
background image
M68HC16 Z SERIES
REGISTER SUMMARY
USER’S MANUAL
D-11
sponding port is configured as an output, the value stored for that bit is driven out on
the pin. A read of this data register returns the value at the pin only if the pin is config-
ured as a discrete input. Otherwise, the value read is the value stored in the register.
Bits [15:8] are unimplemented and will always read zero.
D.2.10 Port F Data Direction Register
This register controls the direction of the port F pin drivers when pins are configured
for I/O. Setting a bit configures the corresponding pin as an output; clearing a bit con-
figures the corresponding pin as an input. This register can be read or written at any
time. Bits [15:8] are unimplemented and will always read zero.
D.2.11 Port F Pin Assignment Register
This register determines the function of port F pins. Setting a bit assigns the corre-
sponding pin to a control signal; clearing a bit assigns the pin to port F. Bits [15:8] are
unimplemented and will always read zero. Refer to Table D-5.
DDRF — Port F Data Direction Register
$YFFA1C
15
8
7
6
5
4
3
2
1
0
NOT USED
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
RESET:
0
0
0
0
0
0
0
0
PFPAR — Port F Pin Assignment Register
$YFFA1E
15
8
7
6
5
4
3
2
1
0
NOT USED
PFPA7
PFPA6
PFPA5
PFPA4
PFPA3
PFPA2
PFPA1
PFPA0
RESET:
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
DATA9
Table D-5 Port F Pin Assignments
PFPAR Field
Port F Signal
Alternate Signal
PFPA7
PF7
IRQ7
PFPA6
PF6
IRQ6
PFPA5
PF5
IRQ5
PFPA4
PF4
IRQ4
PFPA3
PF3
IRQ3
PFPA2
PF2
IRQ2
PFPA1
PF1
IRQ1
PFPA0
PF0
MODCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com